Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3621MTRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR3621MTRPBF
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621MTRPBF Datasheet(HTML) 3 Page - International Rectifier

  IR3621MTRPBF Datasheet HTML 1Page - International Rectifier IR3621MTRPBF Datasheet HTML 2Page - International Rectifier IR3621MTRPBF Datasheet HTML 3Page - International Rectifier IR3621MTRPBF Datasheet HTML 4Page - International Rectifier IR3621MTRPBF Datasheet HTML 5Page - International Rectifier IR3621MTRPBF Datasheet HTML 6Page - International Rectifier IR3621MTRPBF Datasheet HTML 7Page - International Rectifier IR3621MTRPBF Datasheet HTML 8Page - International Rectifier IR3621MTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
IR3621&(PbF)
3
www.irf.com
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over Vcc=12V, VcH1=VcH2=VCL=12V and 0°C<Tj<125°C.
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Output Voltage Accuracy
Feedback Voltage
Accuracy
UVLO Section
UVLO Threshold - Vcc
UVLO Hysteresis - Vcc
UVLO Threshold - VcH1,2
UVLO Hysteresis - VcH1,2
Supply Current Section
Vcc Dynamic Supply Current
VcH1 & VcH2 Dynamic Current
VCL Dynamic Supply Current
Vcc Static Supply Current
VcH1/VcH2 Static Current
VCL Static Supply Current
MLPQ
TSSOP
Supply Ramping Up
Supply Ramp Up and Down
Supply Ramping Up
Supply Ramp Up and Down
Freq=300kHz, CL=1500pF
Freq=300kHz, CL=1500pF
Freq=300kHz, CL=1500pF
SS=0V
SS=0V
SS=0V
0.80
1
0.75
10
15
15
10
6
6
V
%
%
%
%
%
%
V
V
V
V
mA
mA
mA
mA
mA
mA
VFb1 , VFb2
UVLOVCC
UVLOVCH1,2
Dyn ICC
Dyn ICH
Dyn ICL
ICCQ
ICHQ
ICLQ
-1
-1.35
-2.5
-1.35
-1.65
-3.0
4.7
3.5
+1
+1.35
+1.35
+1.35
+1.65
+1.65
5.3
4.0
15
25
25
15
10
10
28
0.9VREF
0.1
-0.1
100
0
1.25
300
µA
V
V
V
µA
µmho
µmho
µA
mV
V
kHz
V
%
ns
%
kHz
ns
V
V
SSIB
SD
PGFB1,2L
PG(Voltage)
IFB1,2
gm1
gm2
I(E/A)1,2
VOS(ERR)
VP2
Freq
VRAMP
Dmin
Puls(ctrl)
Dmax
Sync(Fs)
Sync(puls)
Sync(H)
Sync(L)
22
0.8VREF
1400
1400
60
-4
0.4
255
150
86.5
200
2
35
0.25
0.95VREF
0.5
-0.5
2500
2500
140
+4
Vcc-2
345
0
1200
0.6
Soft-Start / SD Section
Charge Current
Shutdown Threshold
Power Good Section
VSENS1,2 Lower Trip Point
PGood Output Low Voltage
Error Amp Section
Fb Voltage Input Bias Current
Transconductance 1
Transconductance 2
Error Amp Source/Sink Current
Input Offset Voltage for E/A1,2
VP2 Voltage Range
Oscillator Section
Frequency
Ramp Amplitude
Min Duty Cycle
Min Pulse Width
Max Duty Cycle
Synch Frequency Range
Synch Pulse Duration
Synch High Level Threshold
Synch Low Level Threshold
SS=0V
VSENS1,2 Ramping Down
ISINK=2mA
SS=3V
Fb1,2 to VREF
Note2
Rt(SET) to 30.9K
Note2
Fb=1V
FSW=300kHz, Note2
Fb=0.6V, FSW=200kHz
20% above free running freq
Note1: Cold temperature performance is guaranteed via correlation using statistical quality control. Not 100% tested in production.
Tj=25°C
-40°C <Tj< 125°C
0°C <Tj< 125°C
0°C <Tj< 125°C
-40°C <Tj< 125°C
Tj=25°C


Similar Part No. - IR3621MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3622AMPBF IRF-IR3622AMPBF Datasheet
675Kb / 33P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622AMTRPBF IRF-IR3622AMTRPBF Datasheet
675Kb / 33P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MPBF IRF-IR3622MPBF Datasheet
654Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MPBF IRF-IR3622MPBF Datasheet
683Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MTRPBF IRF-IR3622MTRPBF Datasheet
683Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
More results

Similar Description - IR3621MTRPBF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
   Pre-bias startup
logo
Texas Instruments
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com