Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS1051LPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IPS1051LPBF
Description  SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS1051LPBF Datasheet(HTML) 3 Page - International Rectifier

  IPS1051LPBF Datasheet HTML 1Page - International Rectifier IPS1051LPBF Datasheet HTML 2Page - International Rectifier IPS1051LPBF Datasheet HTML 3Page - International Rectifier IPS1051LPBF Datasheet HTML 4Page - International Rectifier IPS1051LPBF Datasheet HTML 5Page - International Rectifier IPS1051LPBF Datasheet HTML 6Page - International Rectifier IPS1051LPBF Datasheet HTML 7Page - International Rectifier IPS1051LPBF Datasheet HTML 8Page - International Rectifier IPS1051LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IPS1051LPbF / IPS1052GPbF
Static Electrical Characteristics
Max.
Units
Test Conditions
Tj=25°C, Vcc=14V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
ON state resistance Tj=25°C
160
250
Rds(on)
ON state resistance Tj=150°C
340
450
m
,
V
V
in=5
Id
A
s=1
Idss1
Drain to source leakage current
0.1
5
Vcc=14V,
5°C
Tj=2
Idss2
current
0.2
10
µA
Drain to source leakage
Vcc=28V, Tj=25°C
V clamp1
Drain to source clamp voltage 1
36
38
Id=20mA
V clamp2
Id=0.5A
Drain to source clamp voltage 2
39
42
Vin clamp
to source pin clamp voltage
Iin=1mA
IN
5.5
6.5
7.5
Vth
put threshold voltage
Id=10mA
In
1.7
V
Switching
lectrical Characteri
Vcc=14V, Resistive load=10
Symbol
x.
Units
Te t Conditions
E
stics
Ω, Rinput=50Ω, Vin=5V
Parameter
Min.
Typ.
Ma
, Tj=25°C
s
Tdon
urn-on delay time to 20%
10
T
1
3
Tr
Rise time 20% to 80%
1
3
10
Tdoff
Turn-off delay time to 80%
3
15
40
2
4
10
µs
S
gur
ee fi
e 2
Tf
Fall time 80% to 20%
Eon + Eoff
Turn on and off energy
0.1
mJ
P
ction
ol
t Conditions
rote
Characteristics
Symb
Parameter
Min.
Typ.
Max.
Units
Tes
Tsd
O
gur
ver temperature threshold
150(2)
165
°C
See fi
e 1
Isd
Over current threshold
See figure 1
1.9
2.8
3.8
A
OV
O
the device is ON )
ver voltage protection (not active when
34
37
V
Vreset
IN protection reset threshold
1.7
V
Treset
Time to reset protection
15(2)
50
200
µs
Vin=0V, Tj=25°C
(2)Guaranteed by design
Diagnostic
bol
Pa
x.
Units
T
Conditions
Sym
rameter
Min.
Typ.
Ma
est
Iin, on
ON state IN positive current
15
32
70
Iin, off
OF
(af
µA
Vin=5V
F state IN
ter protection latched – fault condition)
0
350
positive current
150
23
www.irf.com
3


Similar Part No. - IPS1051LPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPS105N03LG INFINEON-IPS105N03LG Datasheet
1Mb / 12P
   OptiMOS3 Power-Transistor
2010-04-01 revision:2.1
More results

Similar Description - IPS1051LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS1042G IRF-AUIPS1042G Datasheet
893Kb / 18P
   SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1051L IRF-AUIPS1051L Datasheet
460Kb / 16P
   SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
IPS1041LRPBF IRF-IPS1041LRPBF Datasheet
627Kb / 15P
   SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
IPS1041PBF IRF-IPS1041PBF Datasheet
565Kb / 14P
   SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
logo
STMicroelectronics
L9386MD-TR STMICROELECTRONICS-L9386MD-TR Datasheet
165Kb / 14P
   Dual intelligent power low side switch
L9386MD STMICROELECTRONICS-L9386MD Datasheet
97Kb / 10P
   DUAL INTELLIGENT POWER LOW SIDE SWITCH
L9386 STMICROELECTRONICS-L9386_08 Datasheet
156Kb / 14P
   Dual intelligent power low side switch
L9377 STMICROELECTRONICS-L9377 Datasheet
69Kb / 9P
   DUAL INTELLIGENT POWER LOW SIDE SWITCH
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com