Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5110TBI-10-GT10 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT5110TBI-10-GT10
Description  32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5110TBI-10-GT10 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5110TBI-10-GT10 Datasheet HTML 1Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 2Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 3Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 4Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 5Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 6Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 7Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 8Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image

© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 220, Rev. E
CAT5110, CAT5118, CAT5119
CAT5123, CAT5124, CAT5125
32-Tap MiniPot™ Digitally Programmable
Potentiometers with 2-Wire Interface
FeATures
0.3µA ultra-low standby current
single-supply operation: 2.7V to 5.5V
Glitchless switching between resistor taps
Power-on reset to midscale
2-Wire up/down serial interface
Resistance values: 10kΩ, 50kΩ and 100kΩ
All devices available in sOT-23 package
CAT5110, CAT5118, CAT5119 also available in
sC70
DesCrIPTIOn
CAT50/58/59/523/524/525 linear-taper
digitallyprogrammablepotentiometersperformthesame
function as a mechanical potentiometer or a variable
resistor. These devices consist of a fixed resistor and
a wiper contact with 32-tap points that are digitally
controlled through a 2-wire up/down serial interface.
The CAT5110 and CAT5125 are configured as poten-
tiometers. The CAT5118/19/23/24 are configured as
variable resistors.
Three resistance values are available: 10kΩ, 50kΩ and
100kΩ. All devices are available in space-saving 5-pin
and 6-pin SOT-23 packages. The CAT50/58/59
are also available in the SC70 package.
PIn COnFIGurATIOn
VDD
GND
CS
U/D
H
L
5
3
4
GND
CS
U/D
H
VDD
2
CAT5118
CAT5123
GND
CS
U/D

6

5
3
4
H
VDD
VDD
2
3
4
W
5
CAT5110
CAT5125
sOT-23
sOT-23
sOT-23
GND
CS
U/D

6 H
2
L
5
CAT5119
CAT5124
3
4
GND
CS
U/D
H
VDD
2
CAT5118
GND
CS
U/D

6

5
H
VDD
2
3
4
W
5
CAT5110
sC70
sC70
sC70
2
CAT5119
3
4

6
FunCTIOnAl DIAGrAM
U/D
VDD
GND
H
L
W
CS
APPlICATIOns
lCD screen adjustment
Volume control
Mechanical potentiometer replacement
Gain adjustment
line impedance matching
For Ordering Information details, see page 11.


Similar Part No. - CAT5110TBI-10-GT10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5110TBI-10-GT10 CATALYST-CAT5110TBI-10-GT10 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT5110TBI-10-GT10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com