Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3020 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3020
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3020 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3020 Datasheet HTML 3Page - Linear Technology LT3020 Datasheet HTML 4Page - Linear Technology LT3020 Datasheet HTML 5Page - Linear Technology LT3020 Datasheet HTML 6Page - Linear Technology LT3020 Datasheet HTML 7Page - Linear Technology LT3020 Datasheet HTML 8Page - Linear Technology LT3020 Datasheet HTML 9Page - Linear Technology LT3020 Datasheet HTML 10Page - Linear Technology LT3020 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
sn3020 3020fas
TEMPERATURE (°C)
–50
1.1
1.0
0.9
0.8
0.6
0.7
0.5
0.4
0.3
0.2
0.1
0
3020 G16
25
0
–25
50
75
125
100
IL = 100mA
TEMPERATURE (°C)
–50
1.0
0.8
0.6
0.2
0.4
0
–0.2
–0.4
–0.6
–0.8
–1.0
3020 G17
25
0
–25
50
75
125
100
VIN = 1.15V
VOUT = 0.5V
*LOAD REGULATION NUMBER REFERS
TO CHANGE IN THE 200mV REFERENCE
VOLTAGE
Minimum Input Voltage
Load Regulation
∆IL = 1mA to 100mA
Output Noise Spectral Density
RMS Output Noise vs Load
Current (10Hz to 100kHz)
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (°C)
–50
100
90
80
60
70
50
40
30
20
10
0
3020 G15
25
0
–25
50
75
125
100
VIN = 1.5V + 0.5VP-P RIPPLE AT f = 120Hz
VOUT = 0.5V
IL = 100mA
FREQUENCY (Hz)
10
10
1
0.1
0.01
1k
100k
1M
100
10k
3020 G18
VOUT = 1.2V
IL = 100mA
COUT = 2.2µF
LOAD CURRENT (mA)
300
250
200
150
100
50
0
0.01
1
10
100
3020 G19
0.1
VOUT = 1.2V
COUT = 2.2µF
No-Load Recovery Threshold
OUTPUT OVERSHOOT (%)
0
18
16
12
14
10
8
6
4
2
0
3020 G20
15
10
5
20
Transient Response
VOUT
50mV/DIV
IOUT
100mA/DIV
50µs/DIV
3020 G21
IOUT = 10mA TO 100mA
VOUT = 1.5V
Input Ripple Rejection


Similar Part No. - LT3020

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3020 LINER-LT3020 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT3020 LINER-LT3020 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT3020 LINER-LT3020 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3020 LINER-LT3020 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3020 LINER-LT3020 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
More results

Similar Description - LT3020

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020IMS8 LINER-LT3020IMS8 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.8 LINER-LT3020-1.8_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com