Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTNS Datasheet(PDF) 1 Page - Linear Technology

Part # LTNS
Description  24-Bit No Latency ADC with Differential Input and Reference in MSOP
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTNS Datasheet(HTML) 1 Page - Linear Technology

  LTNS Datasheet HTML 1Page - Linear Technology LTNS Datasheet HTML 2Page - Linear Technology LTNS Datasheet HTML 3Page - Linear Technology LTNS Datasheet HTML 4Page - Linear Technology LTNS Datasheet HTML 5Page - Linear Technology LTNS Datasheet HTML 6Page - Linear Technology LTNS Datasheet HTML 7Page - Linear Technology LTNS Datasheet HTML 8Page - Linear Technology LTNS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC2411/LTC2411-1
1
The LTC
®2411/LTC2411-1 are 2.7V to 5.5V micropower
24-bit differential
∆Σ analog-to-digital converters with an
integrated oscillator, 2ppm INL and 0.29ppm RMS noise.
They use delta-sigma technology and provide single cycle
settling time for multiplexed applications. Through a
single pin, the LTC2411 can be configured for better than
110dB differential mode rejection at 50Hz or 60Hz
±2%,
and the LTC2411-1 can provide better than 87dB input
differential mode rejection over the range of 49Hz to
61.2Hz, or they can be driven by an external oscillator for
a user-defined rejection frequency. The LTC2411 and
LTC2411-1 are identical when driven by an external
oscillator. The internal oscillator requires no external
frequency setting components.
The converters accept any external differential reference
voltage from 0.1V to VCC for flexible ratiometric and
remote sensing measurement configurations. The full-
scale differential input range is from – 0.5VREF to 0.5VREF.
The reference common mode voltage, VREFCM, and the
input common mode voltage, VINCM, may be indepen-
dently set anywhere within the GND to VCC range of the
LTC2411/LTC2411-1. The DC common mode input rejec-
tion is better than 140dB.
The LTC2411/LTC2411-1 communicate through a flexible
3-wire digital interface that is compatible with SPI and
MICROWIRE
TM protocols.
s
Direct Sensor Digitizer
s
Weight Scales
s
Direct Temperature Measurement
s
Gas Analyzers
s
Strain Gauge Transducers
s
Instrumentation
s
Data Acquisition
s
Industrial Process Control
s
6-Digit DVMs
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
24-Bit ADC in an MS10 Package
s
Low Supply Current (200
µA in Conversion Mode
and 4
µA in Autosleep Mode)
s
Differential Input and Differential Reference
with GND to VCC Common Mode Range
s
2ppm INL, No Missing Codes
s
4ppm Full-Scale Error and 1ppm Offset
s
0.29ppm Noise
s
No Latency: Digital Filter Settles in a Single Cycle.
Each Conversion Is Accurate, Even After an
Input Step
s
Single Supply 2.7V to 5.5V Operation
s
Internal Oscillator—No External Components
Required
s
110dB Min, Pin Selectable 50Hz/60Hz Notch Filter
(LTC2411)
s
Simultaneous 50Hz/60Hz Rejection (LTC2411-1)
24-Bit No Latency
∆ΣTM ADC
with Differential Input and
Reference in MSOP
No Latency
∆Σ is a trademark of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
VCC
FO
REF+
REF
SCK
IN+
IN
SDO
GND
CS
110
2
3
9
4
5
8
6
7
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
= INTERNAL OSC/50Hz REJECTION (LTC2411)
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION (LTC2411)
= SIMULTANEOUS 50Hz/60Hz REJECTION (LTC2411-1)
3-WIRE
SPI INTERFACE
1
µF
2.7V TO 5.5V
LTC2411/
LTC2411-1
2411 TA01
VCC
LTC2411/
LTC2411-1
IN+
REF+ VCC
REF
VCC
GND
FO
IN
1
µF
SCK
3-WIRE
SPI
INTERFACE
SDO
2411 TA02
CS
9
2
1
610
4
5
3
8
7
BRIDGE
IMPEDANCE
100
Ω TO 10kΩ


Similar Part No. - LTNS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
LTN/PTFC270051ME3 INFINEON-LTN/PTFC270051ME3 Datasheet
293Kb / 14P
   High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
Rev. 01.1, 2016-07-26
LTN/PTFC270051ME4 INFINEON-LTN/PTFC270051ME4 Datasheet
293Kb / 14P
   High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
Rev. 01.1, 2016-07-26
LTN/PTFC270051ME5 INFINEON-LTN/PTFC270051ME5 Datasheet
293Kb / 14P
   High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
Rev. 01.1, 2016-07-26
LTN/PTFC270051ME6 INFINEON-LTN/PTFC270051ME6 Datasheet
293Kb / 14P
   High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
Rev. 01.1, 2016-07-26
LTN/PTFC270051MV2 INFINEON-LTN/PTFC270051MV2 Datasheet
293Kb / 14P
   High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
Rev. 01.1, 2016-07-26
More results

Similar Description - LTNS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2411 LINER-LTC2411_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411-1 LINER-LTC2411-1_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2415 LINER-LTC2415_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415 Datasheet
591Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415-1 LINER-LTC2415-1_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
   2-Channel Differential Input 24-Bit No Latency ADC
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com