Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2712TB-E3-A Datasheet(PDF) 4 Page - California Eastern Labs

Part # UPC2712TB-E3-A
Description  5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC2712TB-E3-A Datasheet(HTML) 4 Page - California Eastern Labs

  UPC2712TB-E3-A Datasheet HTML 1Page - California Eastern Labs UPC2712TB-E3-A Datasheet HTML 2Page - California Eastern Labs UPC2712TB-E3-A Datasheet HTML 3Page - California Eastern Labs UPC2712TB-E3-A Datasheet HTML 4Page - California Eastern Labs UPC2712TB-E3-A Datasheet HTML 5Page - California Eastern Labs UPC2712TB-E3-A Datasheet HTML 6Page - California Eastern Labs UPC2712TB-E3-A Datasheet HTML 7Page - California Eastern Labs UPC2712TB-E3-A Datasheet HTML 8Page - California Eastern Labs UPC2712TB-E3-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Input Power, PIN (dBm)
Frequency, f (GHz)
Input Power, PIN (dBm)
Output Power of Each Tone, POUT(each) (dBm)
UPC2711TB
SATURATED OUTPUT POWER vs.
FREQUENCY AND VOLTAGE
UPC2711TB
3RD ORDER INTERMODULATION
DISTORTION vs. OUTPUT POWER
AND VOLTAGE
UPC2711TB
OUTPUT POWER vs.
INPUT POWER AND VOLTAGE
UPC2711TB
OUTPUT POWER vs.
INPUT POWER AND FREQUENCY
UPC2711TB
OUTPUT POWER vs.
INPUT POWER VOLTAGE
UPC2711TB
OUTPUT POWER vs.
INPUT POWER AND TEMPERATURE
Input Power, PIN (dBm)
Input Power, PIN (dBm)
0
-5
-10
-15
5
-20
-35
-30
-25
-20
-15
-10
-5
0
5
VCC = 5.0 V
f = 1.0 GHz
4.5 V
5.5 V
0
-5
-10
-15
5
-20
-35
-30
-25
-20
-15
-10
-5
0
5
VCC = 5.0 V
f = 1.0 GHz
+85
°C
-40
°C
-20
°C
TA = +25
°C
0
-5
-10
-15
5
-20
-35
-30
-25
-20
-15
-10
-5
0
5
f = 2.0 GHz
5.5 V
4.5 V
VCC = 5.0 V
0
-5
-10
-15
5
-20
-35
-30
-25
-20
-15
-10
-5
0
5
VCC = 5.0 V
f = 0.5 GHz
f = 1.0 GHz
f = 2.0 GHz
f = 2.9 GHz
5
0
-5
-10
10
-15
0.1
0.3
1.0
3.0
PIN = 0 dBm
5.5 V
4.5 V
VCC = 5.0 V
-10
-20
-30
-40
0
-50
-20 -18
-16
-14
-12 -10
-8
-6
-4
-2
0
4.5 V
5.5 V
VCC = 5.0 V
f1 = 1.000 GHz
f2 = 1.002 GHz
TYPICAL PERFORMANCE CURVES (TA = 25
°C)
UPC2711TB, UPC2712TB


Similar Part No. - UPC2712TB-E3-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2712TB-E3 NEC-UPC2712TB-E3 Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2712TB-E3 NEC-UPC2712TB-E3 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC2712TB-E3-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3215TB NEC-UPC3215TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2791TB NEC-UPC2791TB Datasheet
114Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com