Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTBKJ Datasheet(PDF) 11 Page - Linear Technology

Part # LTBKJ
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTBKJ Datasheet(HTML) 11 Page - Linear Technology

Back Button LTBKJ Datasheet HTML 7Page - Linear Technology LTBKJ Datasheet HTML 8Page - Linear Technology LTBKJ Datasheet HTML 9Page - Linear Technology LTBKJ Datasheet HTML 10Page - Linear Technology LTBKJ Datasheet HTML 11Page - Linear Technology LTBKJ Datasheet HTML 12Page - Linear Technology LTBKJ Datasheet HTML 13Page - Linear Technology LTBKJ Datasheet HTML 14Page - Linear Technology LTBKJ Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
sn3020 3020fas
The LT3020 regulator has internal thermal limiting (with
hysteresis) designed to protect the device during overload
conditions. For normal continuous conditions, do not
exceed the maximum junction temperature rating of 125°C.
Carefully consider all sources of thermal resistance from
junction to ambient including other heat sources mounted
in proximity to the LT3020.
The underside of the LT3020 DD package has exposed metal
(4mm2) from the lead frame to where the die is attached.
This allows heat to directly transfer from the die junction
to the printed circuit board metal to control maximum
operating junction temperature. The dual-in-line pin ar-
rangement allows metal to extend beyond the ends of the
package on the topside (component side) of a PCB. Con-
nect this metal to GND on the PCB. The multiple IN and OUT
pins of the LT3020 also assist in spreading heat to the PCB.
The LT3020 MS8 package has pin 4 fused with the lead
frame. This also allows heat to transfer from the die to the
printed circuit board metal, therefore reducing the thermal
resistance. Copper board stiffeners and plated through-
holes can also be used to spread the heat generated by
power devices.
The following tables list thermal resistance for several
different board sizes and copper areas for two different
packages. Measurements were taken in still air on 3/32"
FR-4 board with one ounce copper.
Table 1. Measured Thermal Resistance for DD Package
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500mm
2
2500mm
2
2500mm
2
35°C/W
900mm
2
2500mm
2
2500mm
2
40°C/W
225mm
2
2500mm
2
2500mm
2
55°C/W
100mm
2
2500mm
2
2500mm
2
60°C/W
50mm
2
2500mm
2
2500mm
2
70°C/W
Table 2. Measured Thermal Resistance for MS8 Package
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500mm
2
2500mm
2
2500mm
2
110°C/W
1000mm
2
2500mm
2
2500mm
2
115°C/W
225mm
2
2500mm
2
2500mm
2
120°C/W
100mm
2
2500mm
2
2500mm
2
130°C/W
50mm
2
2500mm
2
2500mm
2
140°C/W
*Device is mounted on topside.
Calculating Junction Temperature
Example: Given an output voltage of 1.8V, an input voltage
range of 2.25V to 2.75V, an output current range of 1mA
to 100mA, and a maximum ambient temperature of 70°C,
what will the maximum junction temperature be for an
application using the DD package?
The power dissipated by the device is equal to:
IOUT(MAX)(VIN(MAX) – VOUT) + IGND(VIN(MAX))
where
IOUT(MAX) = 100mA
VIN(MAX) = 2.75V
IGND at (IOUT = 100mA, VIN = 2.75V) = 3mA
so
P = 100mA(2.75V – 1.8V) + 3mA(2.75V) = 0.103W
The thermal resistance is in the range of 35°C/W to
70°C/W depending on the copper area. So the junction
temperature rise above ambient is approximately equal to:
0.103W(52.5°C/W) = 5.4°C
The maximum junction temperature equals the maximum
junction temperature rise above ambient plus the maxi-
mum ambient temperature or:
TJMAX = 70°C + 5.4°C = 75.4°C
Protection Features
The LT3020 incorporates several protection features that
make it ideal for use in battery-powered circuits. In addi-
tion to the normal protection features associated with
monolithic regulators, such as current limiting and ther-
mal limiting, the device also protects against reverse-
input voltages, reverse-output voltages and reverse
output-to-input voltages.
Current limit protection and thermal overload protection
protect the device against current overload conditions at
the output of the device. For normal operation, do not
exceed a junction temperature of 125°C.
The IN pins of the device withstand reverse voltages of
10V. The LT3020 limits current flow to less than 1µA and
no negative voltage appears at OUT. The device protects
both itself and the load against batteries that are plugged
in backwards.
APPLICATIO S I FOR ATIO


Similar Part No. - LTBKJ

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LTB10-C240 PAIRUI-LTB10-C240 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB10-C350 PAIRUI-LTB10-C350 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB10-C500 PAIRUI-LTB10-C500 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB10-C700 PAIRUI-LTB10-C700 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB12-C240 PAIRUI-LTB12-C240 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
More results

Similar Description - LTBKJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020IMS8 LINER-LT3020IMS8 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.8 LINER-LT3020-1.8_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com