Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8601 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8601
Description  Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8601 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8601 Datasheet HTML 4Page - Maxim Integrated Products MAX8601 Datasheet HTML 5Page - Maxim Integrated Products MAX8601 Datasheet HTML 6Page - Maxim Integrated Products MAX8601 Datasheet HTML 7Page - Maxim Integrated Products MAX8601 Datasheet HTML 8Page - Maxim Integrated Products MAX8601 Datasheet HTML 9Page - Maxim Integrated Products MAX8601 Datasheet HTML 10Page - Maxim Integrated Products MAX8601 Datasheet HTML 11Page - Maxim Integrated Products MAX8601 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
remote device. The MAX8601 can be configured to
charge its battery at the highest current possible from
the host port. Figure 4 shows the MAX8601 configured
as a USB battery charger. A USEL input sets the maxi-
mum charging current from the USB input at 100mA or
500mA.
Layout and Bypassing
Connect the input capacitors as close to the device as
possible. Provide a large copper GND plane to allow the
exposed paddle to sink heat away from the device.
Connect the battery to BAT as close to the IC as possi-
ble to provide accurate battery voltage sensing. Make
all high-current traces short and wide to minimize volt-
age drops. For an example layout, refer to the MAX8601
evaluation kit.
Chip Information
TRANSISTOR COUNT: 6838
PROCESS: BiCMOS
Single-/Dual-Input 1-Cell Li+ Chargers with
OVP Protection and Programmable Charge Timer
10
______________________________________________________________________________________
TOP VIEW
8
9
10
11
12
13
14
7
6
5
4
3
2
1
MAX8601
TDFN
SETI
BAT
THM
GND
CT
USEL
BAT
FLT
DC
DC
CHG
POK
USB
EN
Pin Configurations (continued)


Similar Part No. - MAX8601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8601 MAXIM-MAX8601 Datasheet
184Kb / 13P
   Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 3; 12/08
MAX8601 MAXIM-MAX8601 Datasheet
522Kb / 6P
   Programmable On-Chip Charge Timers
Rev 0; 8/05
MAX8601ETD++ MAXIM-MAX8601ETD+ Datasheet
184Kb / 13P
   Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 3; 12/08
MAX8601EVKIT MAXIM-MAX8601EVKIT Datasheet
522Kb / 6P
   Programmable On-Chip Charge Timers
Rev 0; 8/05
More results

Similar Description - MAX8601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8600 MAXIM-MAX8600_08 Datasheet
184Kb / 13P
   Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 3; 12/08
MAX8600A MAXIM-MAX8600A Datasheet
177Kb / 12P
   Single-Input 1-Cell Li Charger with OVP Protection and Programmable Charge Timer
Rev 1; 1/09
MAX1874 MAXIM-MAX1874_V01 Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874 Datasheet
405Kb / 16P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Rev 0; 7/03
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
   1A Single-chip Li-ion and Li-POL Charge with OVP
LP28292 POWER-LP28292 Datasheet
363Kb / 10P
   1.5A Single-chip Li-ion and Li-POL Charge with OVP
logo
Microchip Technology
MCP73213 MICROCHIP-MCP73213 Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73113 MICROCHIP-MCP73113_13 Datasheet
766Kb / 34P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com