Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS7091GPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IPS7091GPBF
Description  INTELLIGENT POWER HIGH SIDE SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS7091GPBF Datasheet(HTML) 4 Page - International Rectifier

  IPS7091GPBF Datasheet HTML 1Page - International Rectifier IPS7091GPBF Datasheet HTML 2Page - International Rectifier IPS7091GPBF Datasheet HTML 3Page - International Rectifier IPS7091GPBF Datasheet HTML 4Page - International Rectifier IPS7091GPBF Datasheet HTML 5Page - International Rectifier IPS7091GPBF Datasheet HTML 6Page - International Rectifier IPS7091GPBF Datasheet HTML 7Page - International Rectifier IPS7091GPBF Datasheet HTML 8Page - International Rectifier IPS7091GPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IPS7091GPbF
Protection Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Ilim
Internal current limit
2
5
8
A
Vout=0V
Tsd+
Over temperature high threshold
150
(1)
165
Tsd-
Over temperature low threshold
158
°C
See Fig. 2
Vsc
Short-circuit detection voltage
(2)
2
3
4
Vopen load
Open load detection threshold
V
2
3
4
(1
d b
(2
to
T
Tabl
g C
OUT
DG pin
) Guarantee
y design
) Reference
Vcc
ruth
e
Operatin
onditions
IN
Normal
H
H
H
Normal
L
L
L
Open Load
H
H
H
Open Load
(3)
H
L
H
Short circuit to
imiting)
L
Gnd
H
L (l
Short circuit to
L
Gnd
L
L
Over-temperature
H
L (cycling)
L
Over-temperature
L
L
L
(3
ull-up
t and V
) With a p
resistor connected between the outpu
cc.
Lead Assignments
1 2 3 4
SO8
8 7 6 5
1- G
- In
- D
- O
nd
2
3
G
u
4
t
5-6-7-8 Vcc
www.irf.com
4


Similar Part No. - IPS7091GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS7091GPBF IRF-IPS7091GPBF Datasheet
714Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
More results

Similar Description - IPS7091GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
logo
International Rectifier
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7081 IRF-IPS7081 Datasheet
704Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6031 INFINEON-AUIPS6031 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com