Selected language     English  ▼


LA71170M Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LA71170M
Description  LA71170M
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 11 page
background image
LA71170M
No.5598-11/34
端子説明
端子
番号
端子名称
標準 DC 電圧
波 形
形 態
REC:2.5V
  (3.75V)
1
EQ-OUT
PB:2.5V
  (3.75V)
CW 95mVp-p
REC :2.5V
  (3.75V)
2
EQ-SW2
PB :2.5V
  (3.75V)
CW 95mVp-p
200Ω
SP/LP:ON
2
1
REC:2.5V
  (3.75V)
3
EQ-NFB
PB :2.5V
  (3.75V)
CW 1mVp-p
REC:2.5V
  (3.75V)
4
EQ-IN
PB :2.5V
  (3.75V)
CW 1mVp-p
120
PB:40μA
4
3
2.5V
REC:2.5V
  (3.75V)
CW 1.4Vp-p
+70kHz  850Vp-p
5
EQ-SW1
PB :2.5V
  (3.75V)
SP/LP :AC GND
EP
:CW 1mVp-p
REC:2.5V
  (3.75V)
CW 1.4Vpp
+70kHz  850Vp-p
6
AUTO-
  BIAS-IN
PB :2.5V
  (3.75V)
AC GND
ON
REC:LP/EP
PB :EP
500Ω
EE,PB:ON
5
6
2.5V
REC:2.5V
  (3.75V)
CW 1.4Vp-p
7
AUDIO-
REC-OUT
PB :2.5V
  (3.75V)
100kΩ
15kΩ
Power ON/OFF:ON
7
次ページへ続く。




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl