Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA71170M Datasheet(PDF) 25 Page - Sanyo Semicon Device

Part # LA71170M
Description  LA71170M
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA71170M Datasheet(HTML) 25 Page - Sanyo Semicon Device

Back Button LA71170M Datasheet HTML 21Page - Sanyo Semicon Device LA71170M Datasheet HTML 22Page - Sanyo Semicon Device LA71170M Datasheet HTML 23Page - Sanyo Semicon Device LA71170M Datasheet HTML 24Page - Sanyo Semicon Device LA71170M Datasheet HTML 25Page - Sanyo Semicon Device LA71170M Datasheet HTML 26Page - Sanyo Semicon Device LA71170M Datasheet HTML 27Page - Sanyo Semicon Device LA71170M Datasheet HTML 28Page - Sanyo Semicon Device LA71170M Datasheet HTML 29Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
LA71170M
No.5598-25/34
前ページから続く。
端子
番号
端子名称
標準 DC 電圧
波 形
形 態
81
H.A
 GND
REC:4.1V
82
PIPBSPL +
PB :1.8V
0.5mVp-p
82
2mA
PBON
RECON
4.2V
83
GND
REC:4.1V
SP 13mAp-p
EP 10mAp-p
84
PIPBSPH-
PB :1.8V
0.5mVp-p
2mA
PBON
PBON
84
1.4mA
REC:4.1V
85
PIPBSPH +
PB :1.8V
0.5mVp-p
2mA
PBON
RECON
4.2V
85
86
H.A
GND
86
H.A
VCC
5.0V
DC
REC:4.1V
88
PIPBEPL +
PB :1.8V
0.5mVp-p
2mA
PBON
RECON
4.2V
88
89
GND
次ページへ続く。


Similar Part No. - LA71170M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7110 SANYO-LA7110 Datasheet
126Kb / 1P
   VTR TAPE END DETECTOR
LA7116 SANYO-LA7116 Datasheet
79Kb / 4P
   VCR Servo Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com