Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH77790B Datasheet(PDF) 5 Page - Sharp Corporation

Part # LH77790B
Description  Embedded Microcontroller Thermal & Electrical Specification
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH77790B Datasheet(HTML) 5 Page - Sharp Corporation

  LH77790B Datasheet HTML 1Page - Sharp Corporation LH77790B Datasheet HTML 2Page - Sharp Corporation LH77790B Datasheet HTML 3Page - Sharp Corporation LH77790B Datasheet HTML 4Page - Sharp Corporation LH77790B Datasheet HTML 5Page - Sharp Corporation LH77790B Datasheet HTML 6Page - Sharp Corporation LH77790B Datasheet HTML 7Page - Sharp Corporation LH77790B Datasheet HTML 8Page - Sharp Corporation LH77790B Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LH77790B
Thermal & Electrical Specification
3
• Flexible Memory Interface
– Six Multiplexeled Chip Enables/CAS pins
– Two RAS pins
– Fully Programmable
– Six SRAM Banks (64MB each)
– Two DRAM Banks (128MB each)
– Access Privileges (System/User)
• On-Chip DRAM Controller
– Fast Page Mode
– Normal Mode
– CAS before RAS Refresh
• Programmable Peripheral Interface (PPI)
– 24 Programmable I/O Signals
– Three Modes of Operation
• Three 16-Bit Counter/Timer Channels
– Six Modes of Operation
– Binary or BCD Counting
• Hardware Watchdog Timer
– Eight Time-out Intervals
– Protection Mechanism
– Three Time-out Actions
• Little Endian
• JTAG Interface
• Dual Supply Voltage
– 5 V TTL - 25 MHz
– 3.3 V LVTTL - 16.7 MHz
Development Environment
The 790B Evaluation Board (part number LU7790AH2A) and the ARM Software Develop-
ment ToolKit (part number LU7V211H1) give users full access to the power and features
of the 790B and provide a complete integrated environment for development. Users will be
able to develop, benchmark, and profile both hardware and software easily and quickly.


Similar Part No. - LH77790B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LH7 GOOD-ARK-LH7 Datasheet
188Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
LH7001CN NSC-LH7001CN Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
LH7001H NSC-LH7001H Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
LH740A NSC-LH740A Datasheet
111Kb / 2P
   FET Input Operational Amplifier
More results

Similar Description - LH77790B

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
   Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
Bridgetek Pte Ltd.
FT900 BRIDGETEK-FT900 Datasheet
3Mb / 67P
   Embedded Microcontroller
Version 1.0
FT930Q BRIDGETEK-FT930Q Datasheet
939Kb / 65P
   Embedded Microcontroller
Version 1.5
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Shoulder Electronics Li...
HDF384CS4 SHOULDER-HDF384CS4 Datasheet
196Kb / 8P
   ELECTRICAL SPECIFICATION
logo
Bel Fuse Inc.
S553-6500-E6-F BEL-S553-6500-E6-F Datasheet
58Kb / 2P
   ELECTRICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com