Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62703-Q5996 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # Q62703-Q5996
Description  Power TOPLED with Lens Hyper-Bright LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q62703-Q5996 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button Q62703-Q5996 Datasheet HTML 6Page - OSRAM GmbH Q62703-Q5996 Datasheet HTML 7Page - OSRAM GmbH Q62703-Q5996 Datasheet HTML 8Page - OSRAM GmbH Q62703-Q5996 Datasheet HTML 9Page - OSRAM GmbH Q62703-Q5996 Datasheet HTML 10Page - OSRAM GmbH Q62703-Q5996 Datasheet HTML 11Page - OSRAM GmbH Q62703-Q5996 Datasheet HTML 12Page - OSRAM GmbH Q62703-Q5996 Datasheet HTML 13Page - OSRAM GmbH Q62703-Q5996 Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2001-03-05
10
LS E655
Lötbedingungen
Vorbehandlung nach JEDEC Level 2
Soldering Conditions Preconditioning acc. to JEDEC Level 2
IR-Reflow Lötprofil
(nach IPC 9501)
IR Reflow Soldering Profile
(acc. to IPC 9501)
OHLY0597
0
0
50
100
150
200
250
50
100
150
200
250
300
T
t
˚C
s
240-245 ˚C
10-40 s
183 ˚C
120 to 180 s
Defined for Preconditioning: up to 6 K/s
Ramp-down rate up to 6 K/s
Ramp-up rate up to 6 K/s
Defined for Preconditioning: 2-3 K/s


Similar Part No. - Q62703-Q5996

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q62703-Q5965 OSRAM-Q62703-Q5965 Datasheet
173Kb / 14P
   Power TOPLED Hyper-Bright LED
More results

Similar Description - Q62703-Q5996

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWE67C OSRAM-LWE67C Datasheet
177Kb / 15P
   Power TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
LAE675 SIEMENS-LAE675 Datasheet
76Kb / 7P
   Power TOPLED Hyper-Bright LED
LYE676 SIEMENS-LYE676 Datasheet
77Kb / 7P
   Power TOPLED Hyper-Bright LED
logo
List of Unclassifed Man...
LSE675-S1T1-11 ETC-LSE675-S1T1-11 Datasheet
141Kb / 13P
   Power TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LAE67B OSRAM-LAE67B Datasheet
173Kb / 14P
   Power TOPLED Hyper-Bright LED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
logo
Siemens Semiconductor G...
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
   Hyper TOPLED White Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com