Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT6155 Datasheet(PDF) 8 Page - Intel Corporation

Part # LXT6155
Description  155 Mbps SDH/SONET/ATM Transceiver
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155 Datasheet(HTML) 8 Page - Intel Corporation

Back Button LXT6155 Datasheet HTML 4Page - Intel Corporation LXT6155 Datasheet HTML 5Page - Intel Corporation LXT6155 Datasheet HTML 6Page - Intel Corporation LXT6155 Datasheet HTML 7Page - Intel Corporation LXT6155 Datasheet HTML 8Page - Intel Corporation LXT6155 Datasheet HTML 9Page - Intel Corporation LXT6155 Datasheet HTML 10Page - Intel Corporation LXT6155 Datasheet HTML 11Page - Intel Corporation LXT6155 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
8
Datasheet
1.0
Pin Assignments and Signal Descriptions
Figure 1. LXT6155 Pin Assignments
VBIAS
RAVCC
LOS
LOCK
ROFP/CMIERR
RDGND
RDVCC
ATST
RPOS
RNEG
PVCC
RSOCLKN
RSOCLKP
GND
RPOD0
RPOD1
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
LXT6155LE
XTALIN
TAGND
TXISH
TAVCC
TDVCC
TSICLKP
TSICLKN
XTALOUT
TPOS
TNEG
TDGND
CS/MODE
SCLK/SP
SDI/CIS
SDO/RIFE
TPID7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
(top view)


Similar Part No. - LXT6155

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT6234 INTEL-LXT6234 Datasheet
327Kb / 24P
   E-Rate Multiplexer
More results

Similar Description - LXT6155

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
Infineon Technologies A...
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
   Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
   AX??ATM-SONET/SDH Transceiver
logo
List of Unclassifed Man...
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
PMC-Sierra, Inc
PM5352-1 PMC-PM5352-1 Datasheet
57Kb / 2P
   155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
PM5352 PMC-PM5352 Datasheet
57Kb / 2P
   155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5815DZ AVAGO-AFCT-5815DZ Datasheet
134Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com