Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12149D Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC12149D
Description  LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12149D Datasheet(HTML) 2 Page - Motorola, Inc

  MC12149D Datasheet HTML 1Page - Motorola, Inc MC12149D Datasheet HTML 2Page - Motorola, Inc MC12149D Datasheet HTML 3Page - Motorola, Inc MC12149D Datasheet HTML 4Page - Motorola, Inc MC12149D Datasheet HTML 5Page - Motorola, Inc MC12149D Datasheet HTML 6Page - Motorola, Inc MC12149D Datasheet HTML 7Page - Motorola, Inc MC12149D Datasheet HTML 8Page - Motorola, Inc MC12149D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC12149
2
MOTOROLA RF/IF DEVICE DATA
PIN NAMES
Pin
Function
VCC
CNTL
TANK
VREF
QB
GND
Q
Q2
Power Supply
Amplitude Control for Q, QB Output Pair
Tank Circuit Input
Bias Voltage Output
Open Collector Output
Ground
Open Collector Output
Low Power Output
MAXIMUM RATINGS (Note 1)
Parameter
Symbol
Value
Unit
Power Supply Voltage, Pin 1
VCC
-0.5 to 7.0
V
Operating Temperature Range
TA
–40 to 85
°C
Storage Temperature Range
TSTG
-65 to 150
°C
Maximum Output Current, Pin 8
IO
7.5
mA
Maximum Output Current, Pin 5,7
IO
12
mA
NOTES: 1. Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
2. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5 VDC, TA = -40 to 85°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Current (CNTL=GND)VCC = 3.3 V
VCC = 5.5 V
ICC
16
23.5
20
30
mA
Supply Current (CNTL=OPEN)VCC = 3.3 V
VCC = 5.5 V
ICC
10
15
15.0
24.5
mA
Output Amplitude (Pin 8)VCC = 2.7 V
High Impedance LoadVCC = 2.7 V
VOH,
VOL
1.75
1.20
1.85
1.35
1.95
1.50
V
Output Amplitude (Pin 8)VCC = 5.5 V
High Impedance LoadVCC = 5.5 V
VOH,
VOL
4.50
3.85
4.6
4.0
4.70
4.15
V
Output Amplitude (Pin 5 & 7) [Note 1] VCC = 2.7 V
50
Ω to VCC
VCC = 2.7 V
VOH,
VOL
2.6
2.1
2.7
2.3
2.4
V
Output Amplitude (Pin 5 & 7) [Note 1] VCC = 5.5 V
50
Ω to VCC
VCC = 5.5V
VOH,
VOL
5.4
4.8
5.5
5.0
5.1
V
Tuning Voltage Sensitivity [Notes 2 and 3]
Tstg
20
MHz/V
Frequency of Operation
FC
100
1300
MHz
CSR at 10 kHz Offset, 1Hz BW [Notes 2 and 3]
L(f)
–85
dBc/Hz
CSR at 100 kHz Offset, 1Hz BW [Notes 2 and 3]
L(f)
–105
dBc/Hz
Frequency Stability [Notes 3 and 4]
Supply Drift
Thermal Drift
Fsts
fstt
0.8
50
MHz/V
KHz/
°C
NOTES: 1. CNTL pin tied to ground.
2. Actual performance depends on tank components selected.
3. See Figure 12, 750 MHz tank.
4. T = 25
°C, VCC = 5.0 V ±10%


Similar Part No. - MC12149D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC12149D FREESCALE-MC12149D Datasheet
362Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
MC12149D LANSDALE-MC12149D Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
MC12149D LANSDALE-MC12149D Datasheet
344Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
More results

Similar Description - MC12149D

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149_08 Datasheet
344Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Motorola, Inc
MC12147 MOTOROLA-MC12147 Datasheet
391Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Freescale Semiconductor...
MC12149 FREESCALE-MC12149 Datasheet
362Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Motorola, Inc
MC12148 MOTOROLA-MC12148 Datasheet
82Kb / 5P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com