Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT58L128L18F Datasheet(PDF) 9 Page - Micron Technology

Part # MT58L128L18F
Description  2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT58L128L18F Datasheet(HTML) 9 Page - Micron Technology

Back Button MT58L128L18F Datasheet HTML 5Page - Micron Technology MT58L128L18F Datasheet HTML 6Page - Micron Technology MT58L128L18F Datasheet HTML 7Page - Micron Technology MT58L128L18F Datasheet HTML 8Page - Micron Technology MT58L128L18F Datasheet HTML 9Page - Micron Technology MT58L128L18F Datasheet HTML 10Page - Micron Technology MT58L128L18F Datasheet HTML 11Page - Micron Technology MT58L128L18F Datasheet HTML 12Page - Micron Technology MT58L128L18F Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
2Mb: 128K x 18, 64K x 32/36 Flow-Through SyncBurst SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT58L128L18F_2.p65 – Rev. 6/01
©2000, Micron Technology, Inc.
2Mb: 128K x 18, 64K x 32/36
FLOW-THROUGH SYNCBURST SRAM
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD Supply
Relative to VSS .................................... -0.5V to +4.6V
Voltage on VDDQ Supply
Relative to VSS .................................... -0.5V to +4.6V
VIN ............................................... -0.5V to VDDQ + 0.5V
Storage Temperature (plastic) ............ -55°C to +150°C
Junction Temperature** .................................... +150°C
Short Circuit Output Current ........................... 100mA
*Stresses greater than those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only, and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
**Maximum junction temperature depends upon pack-
age type, cycle time, loading, ambient temperature and
airflow. See Micron Technical Note TN-05-14 for more
information.
3.3V I/O DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
(0°C
≤ T
A ≤ +70°C; VDD, VDDQ = +3.3V +0.3V/-0.165V unless otherwise noted)
DESCRIPTION
CONDITIONS
SYMBOL
MIN
MAX
UNITS
NOTES
Input High (Logic 1) Voltage
VIH
2.0
VDD + 0.3
V
1, 2
Input Low (Logic 0) Voltage
VIL
-0.3
0.8
V
1, 2
Input Leakage Current
0V
≤ VIN ≤ VDD
ILI
-1.0
1.0
µA
3
Output Leakage Current
Output(s) disabled,
ILO
-1.0
1.0
µA
0V
≤ VIN ≤ VDD
Output High Voltage
IOH = -4.0mA
VOH
2.4
V
1, 4
Output Low Voltage
IOL = 8.0mA
VOL
0.4
V
1, 4
Supply Voltage
VDD
3.135
3.6
V
1
Isolated Output Buffer Supply
VDDQ
3.135
VDD
V
1, 5
NOTE: 1. All voltages referenced to VSS (GND).
2. Overshoot:
VIH
≤ +4.6V for t ≤ tKC/2 for I ≤ 20mA
Undershoot: VIL
≥ -0.7V for t ≤ tKC/2 for I ≤ 20mA
Power-up:
VIH
≤ +3.6V and VDD ≤ 3.135V for t ≤ 200ms
3. MODE pin has an internal pull-up, and input leakage = ±10µA.
4. The load used for VOH, VOL testing is shown in Figure 2 for 3.3V I/O and Figure 4 for 2.5V I/O. AC load current is higher
than the stated DC values. AC I/O curves are available upon request.
5. VDDQ should never exceed VDD. VDD and VDDQ can be connected together for 3.3V I/O.
2.5V I/O DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
(0°C
≤ T
A ≤ +70°C; VDD = +3.3V +0.3V/-0.165V; VDDQ = +2.5V +0.4V/-0.125V unless otherwise noted)
DESCRIPTION
CONDITIONS
SYMBOL
MIN
MAX
UNITS
NOTES
Input High (Logic 1) Voltage
Data bus (DQx)
VIHQ
1.7
VDDQ + 0.3
V
1, 2
Inputs
VIH
1.7
VDD + 0.3
V
1, 2
Input Low (Logic 0) Voltage
VIL
-0.3
0.7
V
1, 2
Input Leakage Current
0V
≤ VIN ≤ VDD
ILI
-1.0
1.0
µA
3
Output Leakage Current
Output(s) disabled,
ILO
-1.0
1.0
µA
0V
≤ VIN ≤ VDDQ (DQx)
Output High Voltage
IOH = -2.0mA
VOH
1.7
V
1, 4
IOH = -1.0mA
VOH
2.0
V
1, 4
Output Low Voltage
IOL = 2.0mA
VOL
0.7
V
1, 4
IOL = 1.0mA
VOL
0.4
V
1, 4
Supply Voltage
VDD
3.135
3.6
V
1
Isolated Output Buffer Supply
VDDQ
2.375
2.9
V
1


Similar Part No. - MT58L128L18F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L128L32F1 MICRON-MT58L128L32F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L128L36F1 MICRON-MT58L128L36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
More results

Similar Description - MT58L128L18F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Circuit Solu...
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
logo
Alliance Semiconductor ...
AS7C3364FT32B ALSC-AS7C3364FT32B Datasheet
417Kb / 19P
   3.3V 64K x 32/36 Flow Through Synchronous SRAM
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Integrated Circuit Solu...
IC61SP12832 ICSI-IC61SP12832 Datasheet
254Kb / 16P
   128K x 32 Pipelined SyncBurst SRAM
logo
Integrated Silicon Solu...
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
logo
AMIC Technology
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
   256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com