Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3020M Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # MOC3020M
Description  6pin DIP photocoupler, triac driver output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MOC3020M Datasheet(HTML) 8 Page - Lite-On Technology Corporation

  MOC3020M Datasheet HTML 1Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 2Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 3Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 4Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 5Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 6Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 7Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-on Only
CHARACTERISTICS CURVES
Fig.7 Turn-on Time vs. Forward
Current
Fig.8 Repetitive Peak Off-state Current
Fig.9 On-state Current vs.
On-state Voltage
vs. Temperature
10
Ambient temperature Ta ( C)
On-state voltage VT (V)
50
20
20
100
1
1000
3.0
1.5
0
O
0
100
40
30
20
10
18
16
14
12
80
60
40
0.5
2.0
2.5
1.0
80
60
40
20
VP=6V
RL=100
10
100
Basic Operation Circuit
Medium/High Power Triac Drive Circuit
Load
AC100V
+Vcc
1
2
3
4
5
6
VIN
Forward current IF (mA)
RECOMMENDED FOOT PRINT PATTERNS (MOUNT PAD)
Unit : mm
Part No. : MOC3020 thru MOC3023 SERIES
Page :
8of8
BNS-OD-C131/A4


Similar Part No. - MOC3020M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3020M FAIRCHILD-MOC3020M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3020M FAIRCHILD-MOC3020M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3020M FAIRCHILD-MOC3020M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3020M FAIRCHILD-MOC3020M Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
logo
Shenzhen Tenand Technol...
MOC3020M TENAND-MOC3020M Datasheet
193Kb / 9P
   Property of Lite-on Only
More results

Similar Description - MOC3020M

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
ELT302X EVERLIGHT-ELT302X_14 Datasheet
769Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_17 Datasheet
901Kb / 14P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
CT Micro International ...
CT303X CTMICRO-CT303X Datasheet
1Mb / 11P
   6Pin Zero Cross TRIAC Driver Coupler
logo
COSMO Electronics Corp...
KPC4N33 COSMO-KPC4N33_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com