Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8856-29CY Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS8856-29CY
Description  550mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS8856-29CY Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS8856-29CY Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8856-29CY Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8856-29CY Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8856-29CY Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8856-29CY Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8856-29CY Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8856-29CY Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8856-29CY Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8856-29CY Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FS8856
550mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
1/13
TD-0405008
Rev. 1.3
http://www.fsc.com.tw
FAX: +886-2-2809-4874
G
Geen
neerraall D
Deessccrriip
pttiioon
n
The FS8856 is a low-dropout linear regulator
that operations in the input voltage range from
+2.5V to +6.5V and delivers 550mA output
current.
The high-accuracy output voltage is preset at an
internally trimmed voltage 2.5V or 3.3V. Other
output voltages can be mask-optioned from
1.3V to 5.0V with 100mV increment, except
FS8856-29Cx which has 2.85V output voltage.
The FS8856 consist of a 1.25V reference
compare amplifier, and a P-channel pass
transistor. Other features include short-circuit
protection and thermal shutdown protection.
The FS8856 devices are available in TO-92,
SOT-89 and SOT-223 packages.
F
Feeaattu
urreess
Low dropout voltage 750mV at 550mA
(Typ.)
Up to ±35mV output voltage accuracy
Preset at 2.5V, 3.3V
Mask option from 1.3V to 5.0V
Small output capacitor
Output current limit
Thermal overload shutdown
protection
TO-92, SOT-89 and SOT-223 Packages
A
Ap
pp
plliiccaattiioon
nss
CD-ROM Drivers
DVD-ROM Drivers
Portable Consumer Equipment
Radio Control Systems
Wireless Communication Systems
O
Orrd
deerriin
ngg IIn
nffoorrm
maattiioon
n
FS8856-xx x x
Package
Pin Out
D : TO-92
1.IN
2.GND 3.OUT
E : TO-92
1.GND 2.IN
3.OUT
F : TO-92
1.OUT 2.GND 3.IN
W : TO-92
1.GND 2.OUT 3.IN
G : SOT-223 1.IN
2.GND 3.OUT
H : SOT-223 1.GND 2.IN
3.OUT
J : SOT-223
1.GND 2.OUT 3.IN
X : SOT-223
1.OUT 2.GND 3.IN
K : SOT-89
1.IN
2.GND 3.OUT
L : SOT-89
1.GND 2.IN
3.OUT
I : SOT-89
1.OUT 2.GND 3.IN
Y : SOT-89
1.GND 2.OUT 3.IN
Temperature Range
C : Commercial Standard
P : Commercial Standard, Lead(Pb) Free and
Phosphorous(P) Free Package
Output Voltage
13 : 1.3V
26 : 2.6V
39 : 3.9V
14 : 1.4V
27 : 2.7V
40 : 4.0V
15 : 1.5V
28 : 2.8V
41 : 4.1V
16 : 1.6V
29 : 2.85V
42 : 4.2V
17 : 1.7V
30 : 3.0V
43 : 4.3V
18 : 1.8V
31 : 3.1V
44 : 4.4V
19 : 1.9V
32 : 3.2V
45 : 4.5V
20 : 2.0V
33 : 3.3V
46 : 4.6V
21 : 2.1V
34 : 3.4V
47 : 4.7V
22 : 2.2V
35 : 3.5V
48 : 4.8V
23 : 2.3V
36 : 3.6V
49 : 4.9V
24 : 2.4V
37 : 3.7V
50 : 5.0V
25 : 2.5V
38 : 3.8V
Note : Mask option output types are
available by order only.


Similar Part No. - FS8856-29CY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853-13CA ETC-FS8853-13CA Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CB ETC-FS8853-13CB Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CC ETC-FS8853-13CC Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
More results

Similar Description - FS8856-29CY

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
DATEL, Inc.
LVR-7815LE DATEL-LVR-7815LE Datasheet
149Kb / 1P
   LDO Linear Voltage Regulator
logo
Texas Instruments
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
   500mA LDO Linear Regulator
FS8854 ETC1-FS8854 Datasheet
597Kb / 13P
   350mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com