Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT58L64V32F Datasheet(PDF) 7 Page - Micron Technology

Part # MT58L64V32F
Description  2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT58L64V32F Datasheet(HTML) 7 Page - Micron Technology

Back Button MT58L64V32F Datasheet HTML 3Page - Micron Technology MT58L64V32F Datasheet HTML 4Page - Micron Technology MT58L64V32F Datasheet HTML 5Page - Micron Technology MT58L64V32F Datasheet HTML 6Page - Micron Technology MT58L64V32F Datasheet HTML 7Page - Micron Technology MT58L64V32F Datasheet HTML 8Page - Micron Technology MT58L64V32F Datasheet HTML 9Page - Micron Technology MT58L64V32F Datasheet HTML 10Page - Micron Technology MT58L64V32F Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
2Mb: 128K x 18, 64K x 32/36 Flow-Through SyncBurst SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT58L128L18F_2.p65 – Rev. 6/01
©2000, Micron Technology, Inc.
2Mb: 128K x 18, 64K x 32/36
FLOW-THROUGH SYNCBURST SRAM
INTERLEAVED BURST ADDRESS TABLE (MODE = NC OR HIGH)
FIRST ADDRESS (EXTERNAL)
SECOND ADDRESS (INTERNAL)
THIRD ADDRESS (INTERNAL)
FOURTH ADDRESS (INTERNAL)
X...X00
X...X01
X...X10
X...X11
X...X01
X...X00
X...X11
X...X10
X...X10
X...X11
X...X00
X...X01
X...X11
X...X10
X...X01
X...X00
LINEAR BURST ADDRESS TABLE (MODE = LOW)
FIRST ADDRESS (EXTERNAL)
SECOND ADDRESS (INTERNAL)
THIRD ADDRESS (INTERNAL)
FOURTH ADDRESS (INTERNAL)
X...X00
X...X01
X...X10
X...X11
X...X01
X...X10
X...X11
X...X00
X...X10
X...X11
X...X00
X...X01
X...X11
X...X00
X...X01
X...X10
PARTIAL TRUTH TABLE FOR WRITE COMMANDS (x32/x36)
FUNCTION
GW#
BWE#
BWa#
BWb#
BWc#
BWd#
READ
H
H
X
X
X
X
READ
H
L
H
H
H
H
WRITE Byte “a”
HL
LH
H
H
WRITE All Bytes
H
LLLL
L
WRITE All Bytes
L
X
X
X
X
X
NOTE: Using BWE# and BWa# through BWd#, any one or more bytes may be written.
PARTIAL TRUTH TABLE FOR WRITE COMMANDS (x18)
FUNCTION
GW#
BWE#
BWa#
BWb#
READ
H
H
X
X
READ
H
L
H
H
WRITE Byte “a”
HL
LH
WRITE Byte “b”
HLHL
WRITE All Bytes
H
L
L
L
WRITE All Bytes
L
X
X
X


Similar Part No. - MT58L64V32F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L128L32F1 MICRON-MT58L128L32F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L128L36F1 MICRON-MT58L128L36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L128V32F1 MICRON-MT58L128V32F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L1MV18D MICRON-MT58L1MV18D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
More results

Similar Description - MT58L64V32F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Circuit Solu...
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
logo
Alliance Semiconductor ...
AS7C3364FT32B ALSC-AS7C3364FT32B Datasheet
417Kb / 19P
   3.3V 64K x 32/36 Flow Through Synchronous SRAM
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Integrated Circuit Solu...
IC61SP12832 ICSI-IC61SP12832 Datasheet
254Kb / 16P
   128K x 32 Pipelined SyncBurst SRAM
logo
Integrated Silicon Solu...
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
logo
AMIC Technology
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
   256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com