Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAN301A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PAN301A
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PAN301A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PAN301A Datasheet HTML 1Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 2Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 3Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 4Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 5Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 6Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 7Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 8Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PixArt Imaging Inc.
PAN301A
CMOS Optical Mouse Sensor
2. Block Diagram and Operation
CMOS
IMAGE
SENSOR
DIGITAL
SIGNAL
PROCESSOR
POWER ON
RESET
SERIAL
INTERFACE
LED
DRIVE
CONTROL REGISTER
SCLK
SDIO
OSCILLATOR
YA
YB
XA
XB
LED
VREFA
VREFB
PD
VDD
VSS
OSCIN
OSCOUT
SERIAL
INTERFACE
QUADRATURE
OUTPUTS
RESONATOR
VOLTAGE
REFERENCE
5V
POWER
VSS_LED
VSS
Figure 3. Block diagram
The PAN301A is a high performance CMOS-process optical mouse sensor with DSP integration chip that
serves as a non-mechanical motion estimation engine for implementing a computer mouse. It is based on
new optical navigation technology, which measures changes in position by optically acquiring sequential
surface images (frames) and mathematically determining the direction and magnitude of movement. The
sensor is in a 20pin optical package. The output format is two-channel quadrature (X and Y direction),
which emulates encoder phototransistors. The current X and Y information are also available in registers
accessed via a serial port.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, MAY. 2004


Similar Part No. - PAN301A

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301ASI-204 PIXART-PAN301ASI-204 Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301ASI-208 PIXART-PAN301ASI-208 Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
More results

Similar Description - PAN301A

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3080 AVAGO-ADNS-3080 Datasheet
841Kb / 39P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com