Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA875IDGKRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA875IDGKRG4
Description  Single 2:1 High-Speed Video Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA875IDGKRG4 Datasheet(HTML) 5 Page - Texas Instruments

  OPA875IDGKRG4 Datasheet HTML 1Page - Texas Instruments OPA875IDGKRG4 Datasheet HTML 2Page - Texas Instruments OPA875IDGKRG4 Datasheet HTML 3Page - Texas Instruments OPA875IDGKRG4 Datasheet HTML 4Page - Texas Instruments OPA875IDGKRG4 Datasheet HTML 5Page - Texas Instruments OPA875IDGKRG4 Datasheet HTML 6Page - Texas Instruments OPA875IDGKRG4 Datasheet HTML 7Page - Texas Instruments OPA875IDGKRG4 Datasheet HTML 8Page - Texas Instruments OPA875IDGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V
7
6
5
4
3
2
1
0
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
Frequency(Hz)
1M
10M
100M
1G
V
O
PP
=500mV
R
W
L =150
G=+2V/V
Frequency(Hz)
1
0
-1
-2
-3
-4
-5
-6
0
200M
1G
5VPP
2VPP
1VPP
4VPP
400M
600M
800M
500mVPP
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
Time(1ns/div)
Large-Signal4V
PP
Small-Signal0.4V
PP
R =150W
L
G=+2V/V
100MHzSquare-WaveInput
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
Frequency(Hz)
1M
10M
100M
1G
Input-Referred
BW=+5V
80
70
60
50
40
30
20
10
0
CapacitiveLoad(pF)
1
10
100
1000
8
7
6
5
4
3
2
1
0
-1
-2
-3
Frequency(Hz)
1M
10M
100M
400M
0.1dBPeakingTargeted
C =47pF
L
C =100pF
L
C =10pF
L
C =22pF
L
R
S
75W
1kW
(1)
C
L
75W
NOTE:(1)1k
isoptional.
W
x2
OPA875
SBOS340 – DECEMBER 2006
At G = +2 and R
L = 150Ω, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
NONINVERTING PULSE RESPONSE
DISABLE FEEDTHROUGH vs FREQUENCY
Figure 3.
Figure 4.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 5.
Figure 6.
5
Submit Documentation Feedback


Similar Part No. - OPA875IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA875IDGKRG4 BURR-BROWN-OPA875IDGKRG4 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
More results

Similar Description - OPA875IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com