Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT58L64L36FT-8.5 Datasheet(PDF) 5 Page - Micron Technology

Part # MT58L64L36FT-8.5
Description  2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT58L64L36FT-8.5 Datasheet(HTML) 5 Page - Micron Technology

  MT58L64L36FT-8.5 Datasheet HTML 1Page - Micron Technology MT58L64L36FT-8.5 Datasheet HTML 2Page - Micron Technology MT58L64L36FT-8.5 Datasheet HTML 3Page - Micron Technology MT58L64L36FT-8.5 Datasheet HTML 4Page - Micron Technology MT58L64L36FT-8.5 Datasheet HTML 5Page - Micron Technology MT58L64L36FT-8.5 Datasheet HTML 6Page - Micron Technology MT58L64L36FT-8.5 Datasheet HTML 7Page - Micron Technology MT58L64L36FT-8.5 Datasheet HTML 8Page - Micron Technology MT58L64L36FT-8.5 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
2Mb: 128K x 18, 64K x 32/36 Flow-Through SyncBurst SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT58L128L18F_2.p65 – Rev. 6/01
©2000, Micron Technology, Inc.
2Mb: 128K x 18, 64K x 32/36
FLOW-THROUGH SYNCBURST SRAM
TQFP PIN DESCRIPTIONS
x18
x32/x36
SYMBOL
TYPE
DESCRIPTION
37
37
SA0
Input
Synchronous Address Inputs: These inputs are registered and must
36
36
SA1
meet the setup and hold times around the rising edge of CLK.
32-35, 44-49,
32-35, 44-49,
SA
80-82, 99,
81, 82, 99,
100
100
93
93
BWa#
Input
Synchronous Byte Write Enables: These active LOW inputs allow
94
94
BWb#
individual bytes to be written and must meet the setup and hold
95
BWc#
times around the rising edge of CLK. A byte write enable is LOW
96
BWd#
for a WRITE cycle and HIGH for a READ cycle. For the x18 version,
BWa# controls DQa pins and DQPa; BWb# controls DQb pins and
DQPb. For the x32 and x36 versions, BWa# controls DQa pins and
DQPa; BWb# controls DQb pins and DQPb; BWc# controls DQc pins
and DQPc; BWd# controls DQd pins and DQPd. Parity is only
available on the x18 and x36 versions.
87
87
BWE#
Input
Byte Write Enable: This active LOW input permits BYTE WRITE
operations and must meet the setup and hold times around the
rising edge of CLK.
88
88
GW#
Input
Global Write: This active LOW input allows a full 18-, 32-, or 36-bit
WRITE to occur independent of the BWE# and BWx# lines and must
meet the setup and hold times around the rising edge of CLK.
89
89
CLK
Input
Clock: This signal registers the address, data, chip enable, byte
write enables and burst control inputs on its rising edge. All
synchronous inputs must meet setup and hold times around the
clock’s rising edge.
98
98
CE#
Input
Synchronous Chip Enable: This active LOW input is used to enable
the device and conditions the internal use of ADSP#. CE# is sampled
only when a new external address is loaded.
92
92
CE2#
Input
Synchronous Chip Enable: This active LOW input is used to enable
the device and is sampled only when a new external address is
loaded.
97
97
CE2
Input
Synchronous Chip Enable: This active HIGH input is used to enable
the device and is sampled only when a new external address is
loaded.
86
86
OE#
Input
Output Enable: This active LOW, asynchronous input enables the
data I/O output drivers.
83
83
ADV#
Input
Synchronous Address Advance: This active LOW input is used to
advance the internal burst counter, controlling burst access after
the external address is loaded. A HIGH on this pin effectively causes
wait states to be generated (no address advance). To ensure use of
correct address during a WRITE cycle, ADV# must be HIGH at the
rising edge of the first clock after an ADSP# cycle is initiated.
84
84
ADSP#
Input
Synchronous Address Status Processor: This active LOW input
interrupts any ongoing burst, causing a new external address to be
registered. A READ is performed using the new address,
independent of the byte write enables and ADSC#, but dependent
upon CE#, CE2 and CE2#. ADSP# is ignored if CE# is HIGH. Power-
down state is entered if CE2 is LOW or CE2# is HIGH.
(continued on next page)


Similar Part No. - MT58L64L36FT-8.5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L128L32F1 MICRON-MT58L128L32F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L128L36F1 MICRON-MT58L128L36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L128V32F1 MICRON-MT58L128V32F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L1MV18D MICRON-MT58L1MV18D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
More results

Similar Description - MT58L64L36FT-8.5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Circuit Solu...
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
logo
Alliance Semiconductor ...
AS7C3364FT32B ALSC-AS7C3364FT32B Datasheet
417Kb / 19P
   3.3V 64K x 32/36 Flow Through Synchronous SRAM
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Integrated Circuit Solu...
IC61SP12832 ICSI-IC61SP12832 Datasheet
254Kb / 16P
   128K x 32 Pipelined SyncBurst SRAM
logo
Integrated Silicon Solu...
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
logo
AMIC Technology
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
   256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com