Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXE030-2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RXE030-2
Description  PolySwitch RXE device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXE030-2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RXE030-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RXE030-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RXE030-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RXE030-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RXE030-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RXE030-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RXE030-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RXE030-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers RXE030-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4
170 RXE Devices
Raychem Circuit Protection Devices
RXE
Radial Leaded
5. Verify ambient operating conditions.
Ensure that your application’s minimum and maximum ambient
temperatures are within the operating temperature range of –40°C
and 85°C.
Maximum device surface temperature in the tripped state is 125°C.
6. Verify the RXE device’s dimensions.
Using dimensions from the table below, compare the dimensions of the
RXE device you selected with the application’s space considerations.
Product dimensions (millimeters/
inches)
Part
A
B
C
D
E
F
number
max.
max.
typ.
min.
max.
typ.
RXE010
7.4
(0.29)
12.7
(0.50)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.1
(0.04)
RXE017
7.4
(0.29)
12.7
(0.50)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.6
(0.06)
RXE020
7.4
(0.29)
12.2
(0.48)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.1
(0.04)
RXE025
7.4
(0.29)
12.7
(0.50)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.1
(0.04)
RXE030
7.4
(0.29)
13.0
(0.51)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.1
(0.04)
RXE040
7.6
(0.30)
13.5
(0.53)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.1
(0.04)
RXE050
7.9
(0.31)
13.7
(0.54)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.1
(0.04)
RXE065
9.7
(0.38)
14.5
(0.57)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.1
(0.04)
RXE075
10.4
(0.41)
15.2
(0.60)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.1
(0.04)
RXE090
11.7
(0.46)
15.8
(0.62)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.1
(0.04)
RXE110
13.0
(0.51)
18.0
(0.71)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.4
(0.06)
RXE135
14.5
(0.57)
19.6
(0.77)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.4
(0.06)
RXE160
16.3
(0.64)
21.3
(0.84)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.4
(0.06)
RXE185
17.8
(0.70)
22.9
(0.90)
5.1
(0.20)
7.6
(0.30)
3.1
(0.12)
1.4
(0.06)
RXE250
21.3
(0.84)
26.4
(1.04)
10.2
(0.40)
7.6
(0.30)
3.1
(0.12)
1.4
(0.06)
RXE300
24.9
(0.98)
30.0
(1.18)
10.2
(0.40)
7.6
(0.30)
3.1
(0.12)
1.4
(0.06)
RXE375
28.5
(1.12)
33.5
(1.32)
10.2
(0.40)
7.6
(0.30)
3.1
(0.12)
1.4
(0.06)
Lead size
RXE010–RXE090
Ø 0.51
(0.020)
24 AWG
RXE110–RXE375
Ø 0.81
(0.032)
20 AWG
RXE010–RXE090*
RXE110–RXE375**
A
B
D
C
E
Marking
F
CL
CL
CL CL
A
B
D
C
E
Marking
F
CL
CL
CL CL
* Straight leads are available.
** Kinked leads are available.
RXE(7)
1/15/99 11:44 AM
Page 170


Similar Part No. - RXE030-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RXE030 MACOM-RXE030 Datasheet
86Kb / 1P
   Specification Status: RELEASED
RXE030S MACOM-RXE030S Datasheet
86Kb / 1P
   Specification Status: RELEASED
More results

Similar Description - RXE030-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR600-150-RB MACOM-TR600-150-RB Datasheet
88Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
NANOSMDC035F-2 MACOM-NANOSMDC035F-2 Datasheet
103Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
TR250-120 MACOM-TR250-120 Datasheet
18Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
MINISMDE190 MACOM-MINISMDE190 Datasheet
16Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM100 MACOM-NANOSMDM100 Datasheet
28Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
List of Unclassifed Man...
LR4-260 ETC1-LR4-260 Datasheet
15Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
Tyco Electronics
LVR040S MACOM-LVR040S Datasheet
87Kb / 2P
   PolySwitch PTC Devices Overcurrent Protection Device
TR600-160 MACOM-TR600-160 Datasheet
94Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
TSM600-250-RA MACOM-TSM600-250-RA Datasheet
22Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM050 MACOM-NANOSMDM050 Datasheet
29Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com