Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7143 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7143
Description  Programmable Controller for Capacitance Touch Sensors
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7143 Datasheet(HTML) 5 Page - Analog Devices

  AD7143 Datasheet HTML 1Page - Analog Devices AD7143 Datasheet HTML 2Page - Analog Devices AD7143 Datasheet HTML 3Page - Analog Devices AD7143 Datasheet HTML 4Page - Analog Devices AD7143 Datasheet HTML 5Page - Analog Devices AD7143 Datasheet HTML 6Page - Analog Devices AD7143 Datasheet HTML 7Page - Analog Devices AD7143 Datasheet HTML 8Page - Analog Devices AD7143 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
AD7143
Rev. 0 | Page 5 of 56
I2C TIMING SPECIFICATIONS
TA = −40°C to +85°C, VCC = 2.6 V to 3.6 V, unless otherwise noted. Sample tested at 25°C to ensure compliance. All input signals timed
from a voltage level of 1.6 V.
Table 4. I2C Timing Specifications1
Parameter
Limit
Unit
Description
fSCLK
400
kHz max
t1
0.6
μs min
Start condition hold time, tHD; STA
t2
1.3
μs min
Clock low period, tLOW
t3
0.6
μs min
Clock high period, tHIGH
t4
100
ns min
Data setup time, tSU; DAT
t5
300
ns min
Data hold time, tHD; DAT
t6
0.6
μs min
Stop condition setup time, tSU; STO
t7
0.6
μs min
Start condition setup time, tSU; STA
t8
1.3
μs min
Bus free time between stop and start conditions, tBUF
tR
300
ns max
Clock/data rise time
tF
300
ns max
Clock/data fall time
1 Guaranteed by design, not production tested.
200µA
IOL
200µA
IOH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Output Timing Specifications


Similar Part No. - AD7143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7143 AD-AD7143 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143ACPZ-1500RL7 AD-AD7143ACPZ-1500RL7 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143ACPZ-1REEL AD-AD7143ACPZ-1REEL Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
More results

Similar Description - AD7143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com