Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXE135-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RXE135-2
Description  PolySwitch RXE device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXE135-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RXE135-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RXE135-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RXE135-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RXE135-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RXE135-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RXE135-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RXE135-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RXE135-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RXE135-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This section has two parts:
• A Selection Guide that walks you through the process of
selecting the correct RXE device for a circuit.
• Product Data that outlines electrical characteristics,
physical characteristics, agency recognitions, environmental
specifications, component layouts, tape and reel specifications,
and ordering information for RXE devices.
RXE Selection Guide
Follow these seven steps to select a PolySwitch RXE device for
a circuit:
1. Define the operating parameters for the circuit.
These include:
• Maximum ambient operating temperature
• Normal operating current
• Maximum operating voltage (RXE is 60 V maximum)
• Maximum interrupt current
2. Select the RXE device that accommodates the circuit’s maximum
ambient operating temperature and normal operating current.
3. Compare the RXE device’s maximum operating voltage and
maximum interrupt current with the circuit’s to be sure the circuit
does not exceed the device ratings.
4. Check the RXE device’s time-to-trip to be sure it will protect the
circuit.
5. Verify that the circuit’s ambient operating temperatures are within the
RXE device’s operating temperature range.
6. Verify that the RXE device’s dimensions fit the application’s space
considerations.
7. Independently evaluate and test the suitability and performance
of the RXE device in the application.
Raychem Circuit Protection Devices
RXE Devices
165
RXE Selection Guide
and Product Data
TUV Rheinland
®
®
4
RXE(7)
1/15/99 11:44 AM
Page 165


Similar Part No. - RXE135-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RXE110 MACOM-RXE110 Datasheet
19Kb / 1P
   Poly Switch PTC DEVICES
RXE14005 MACOM-RXE14005 Datasheet
528Kb / 4P
   Power PCB Relay
RXE14005C MACOM-RXE14005C Datasheet
528Kb / 4P
   Power PCB Relay
RXE14012 MACOM-RXE14012 Datasheet
528Kb / 4P
   Power PCB Relay
RXE14012C MACOM-RXE14012C Datasheet
528Kb / 4P
   Power PCB Relay
More results

Similar Description - RXE135-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR600-150-RB MACOM-TR600-150-RB Datasheet
88Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
NANOSMDC035F-2 MACOM-NANOSMDC035F-2 Datasheet
103Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
TR250-120 MACOM-TR250-120 Datasheet
18Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
MINISMDE190 MACOM-MINISMDE190 Datasheet
16Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM100 MACOM-NANOSMDM100 Datasheet
28Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
List of Unclassifed Man...
LR4-260 ETC1-LR4-260 Datasheet
15Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
Tyco Electronics
LVR040S MACOM-LVR040S Datasheet
87Kb / 2P
   PolySwitch PTC Devices Overcurrent Protection Device
TR600-160 MACOM-TR600-160 Datasheet
94Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
TSM600-250-RA MACOM-TSM600-250-RA Datasheet
22Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM050 MACOM-NANOSMDM050 Datasheet
29Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com