Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC224 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC224
Description  Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC224 Datasheet(HTML) 2 Page - Motorola, Inc

  MAC224 Datasheet HTML 1Page - Motorola, Inc MAC224 Datasheet HTML 2Page - Motorola, Inc MAC224 Datasheet HTML 3Page - Motorola, Inc MAC224 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAC224 Series MAC224A Series
2
Motorola Thyristor Device Data
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
60
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C and either polarity of MT2 to MT1 voltage unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Blocking Current
(Rated VDRM, Gate Open) TJ = 25°C
TJ = 125°C
IDRM
10
2
µA
mA
Peak On-State Voltage
(ITM = 56 A Peak, Pulse Width p 2 ms, Duty Cycle p 2%)
VTM
1.4
1.85
Volts
Gate Trigger Current (Continuous dc)
(VD = 12 V, RL = 100 Ω)
MT2(+), G(+); MT2(+), G(–); MT2(+), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
IGT
25
40
50
75
mA
Gate Trigger Voltage (Continuous dc)
(VD = 12 V, RL = 100 Ω)
MT2(+), G(+); MT2(–), G(–); MT(+), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
VGT
1.1
1.3
2
2.5
Volts
Gate Non-Trigger Voltage
(VD = Rated VDRM, TJ = 125°C, RL = 10 k)
MT2(+), G(+); MT2(–), G(–); MT(+), G(–)
MT2(–), G(+)
VGD
0.2
0.2
Volts
Holding Current (VD = 12 Vdc, Gate Open)
IH
30
75
mA
Gate Controlled Turn-On Time
(VD = Rated VDRM, ITM = 56 A Peak, IG = 200 mA)
tgt
1.5
µs
Critical Rate of Rise of Off-State Voltage
(VD = Rated VDRM, Exponential Waveform, TC = 125°C)
dv/dt
50
V/
µs
Critical Rate of Rise of Commutation Voltage
(VD = Rated VDRM, ITM = 56 A Peak, Commutating
di/dt = 20.2 A/ms, Gate Unenergized, TC = 75°C)
dv/dt(c)
5
V/
µs
*This device is rated for use in applications subject to high surge conditions. Care must be taken to insure proper heat sinking when the device is to
be used at high sustained currents.
FIGURE 2 – ON-STATE POWER DISSIPATION
FIGURE 1 – RMS CURRENT DERATING
75
95
IT(RMS), RMS ON-STATE CURRENT (AMPS)*
25
20
5.0
125
115
85
10
0
15
105
10
0
0
25
20
24
12
5.0
15
IT(RMS), RMS ON-STATE CURRENT (AMPS)*
120
110
100
90
80
30
35
40
30
35
40
6.0
18
30
36
48
42
54
60


Similar Part No. - MAC224

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MAC224 DIGITRON-MAC224 Datasheet
186Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
MAC224 NJSEMI-MAC224 Datasheet
114Kb / 3P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
Digitron Semiconductors
MAC224-10 DIGITRON-MAC224-10 Datasheet
186Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
MAC224-10 NJSEMI-MAC224-10 Datasheet
114Kb / 3P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
Digitron Semiconductors
MAC224-4 DIGITRON-MAC224-4 Datasheet
186Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTORS
More results

Similar Description - MAC224

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC224A MOTOROLA-MAC224A Datasheet
53Kb / 4P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC224 NJSEMI-MAC224 Datasheet
114Kb / 3P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
MAC229 NJSEMI-MAC229 Datasheet
121Kb / 3P
   Triacs Silicon Bidirectional Triode Thyristors
logo
Motorola, Inc
T4120 MOTOROLA-T4120 Datasheet
88Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC320 NJSEMI-MAC320 Datasheet
106Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
T6400 NJSEMI-T6400 Datasheet
95Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
logo
Motorola, Inc
2N6342 MOTOROLA-2N6342 Datasheet
114Kb / 6P
   TRIACS Silicon Bidirectional Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC228 NJSEMI-MAC228 Datasheet
129Kb / 3P
   Triacs Silicon Bidirectional Triode Thyristors
T6420 NJSEMI-T6420 Datasheet
95Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
MAC50A NJSEMI-MAC50A Datasheet
92Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com