Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXE030-AP Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RXE030-AP
Description  PolySwitch RXE device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXE030-AP Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RXE030-AP Datasheet HTML 3Page - List of Unclassifed Manufacturers RXE030-AP Datasheet HTML 4Page - List of Unclassifed Manufacturers RXE030-AP Datasheet HTML 5Page - List of Unclassifed Manufacturers RXE030-AP Datasheet HTML 6Page - List of Unclassifed Manufacturers RXE030-AP Datasheet HTML 7Page - List of Unclassifed Manufacturers RXE030-AP Datasheet HTML 8Page - List of Unclassifed Manufacturers RXE030-AP Datasheet HTML 9Page - List of Unclassifed Manufacturers RXE030-AP Datasheet HTML 10Page - List of Unclassifed Manufacturers RXE030-AP Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
4
Raychem Circuit Protection Devices
RXE Devices
171
RXE Product Data
Now that you have selected your RXE device, please review the
device’s characteristics in this section to verify that the device will
perform as required.
Electrical characteristics (20°C)
Max. time
Initial resistance
Post-trip resistance
Part
IH
IT
to trip (s)
Pd
R min.
R max.
R1 max .
Number
(A)
(A)
at 5 x IH
(W)
(
Ω )( Ω )( Ω )
RXE010
0.10
0.20
4.0
0.38
2.50
4.50
7.50
RXE017
0.17
0.34
3.0
0.48
3.30
5.21
8.00
RXE020
0.20
0.40
2.2
0.41
1.83
2.75
4.40
RXE025
0.25
0.50
2.5
0.45
1.25
1.95
3.00
RXE030
0.30
0.60
3.0
0.49
0.88
1.33
2.10
RXE040
0.40
0.80
3.8
0.56
0.55
0.86
1.29
RXE050
0.50
1.00
4.0
0.77
0.50
0.77
1.17
RXE065
0.65
1.30
5.3
0.88
0.31
0.48
0.72
RXE075
0.75
1.50
6.3
0.92
0.25
0.40
0.60
RXE090
0.90
1.80
7.2
0.99
0.20
0.31
0.47
RXE110
1.10
2.20
8.2
1.50
0.15
0.25
0.38
RXE135
1.35
2.70
9.6
1.70
0.12
0.19
0.30
RXE160
1.60
3.20
11.4
1.90
0.09
0.14
0.22
RXE185
1.85
3.70
12.6
2.10
0.08
0.12
0.19
RXE250
2.50
5.00
15.6
2.50
0.05
0.08
0.13
RXE300
3.00
6.00
19.8
2.80
0.04
0.06
0.10
RXE375
3.75
7.50
24.0
3.20
0.03
0.05
0.08
IH = Hold current—maximum current at which the device will not trip at 20°C.
IT = Trip current—minimum current at which the device will always trip at 20°C.
Pd = Typical power dissipation—typical amount of power dissipated by the device when in tripped state in 20°C still air.
R min. = Minimum device resistance at 20°C prior to tripping.
R max. = Maximum device resistance at 20°C prior to tripping.
R1 max. = Maximum device resistance at 20°C measured 1 hour post trip.
Physical characteristics
Lead material
RXE010: Tin coated nickel-copper alloy, 24 AWG,
∅ 0.51 mm/0.020 in
RXE017–040: Tin/lead-plated copper-clad steel, 24 AWG,
∅ 0.51 mm/0.020 in
RXE050–090: Tin/lead-plated copper, 24 AWG,
∅ 0.51 mm/0.020 in
RXE110–375: Tin-plated copper, 20 AWG,
∅ 0.81 mm/0.032 in
Soldering characteristics
Solderability per MIL-STD-202, Method 208E
Solder heat withstand per MIL-STD-202, Method 210, Condition B
Insulating material
Cured, flame-retardant epoxy polymer; meets UL 94V-O
requirements
RXE
Radial Leaded
Note: Devices are not designed to be placed through a reflow process.
RXE(7)
1/15/99 11:44 AM
Page 171


Similar Part No. - RXE030-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RXE030 MACOM-RXE030 Datasheet
86Kb / 1P
   Specification Status: RELEASED
RXE030S MACOM-RXE030S Datasheet
86Kb / 1P
   Specification Status: RELEASED
More results

Similar Description - RXE030-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR600-150-RB MACOM-TR600-150-RB Datasheet
88Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
NANOSMDC035F-2 MACOM-NANOSMDC035F-2 Datasheet
103Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
TR250-120 MACOM-TR250-120 Datasheet
18Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
MINISMDE190 MACOM-MINISMDE190 Datasheet
16Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM100 MACOM-NANOSMDM100 Datasheet
28Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
List of Unclassifed Man...
LR4-260 ETC1-LR4-260 Datasheet
15Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
Tyco Electronics
LVR040S MACOM-LVR040S Datasheet
87Kb / 2P
   PolySwitch PTC Devices Overcurrent Protection Device
TR600-160 MACOM-TR600-160 Datasheet
94Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
TSM600-250-RA MACOM-TSM600-250-RA Datasheet
22Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM050 MACOM-NANOSMDM050 Datasheet
29Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com