Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A24110E-10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A24110E-10
Description  120/240, 480 Vac / AC Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A24110E-10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A24110E-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers A24110E-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9002
MODEL NUMBERS
AC CONTROL
A24110
A24125
HA48110
HA48125
D C C ONTROL
D24110
D24125
HD48110
HD48125
OUTPUT SPECIFICATIONS Œ
Operating Voltage (47-63 Hz) [Vrms]
24-280
24-280
48-530
48-530
Max. Load Current Ž [Arms]
110
125
110
125
Min. Load Current, [mArms]
150
150
150
150
Transient Overvoltage [Vpk]
600
600
1200
1200
Max. Surge Current, (16.6ms) [Apk]
1500
1750
1500
1750
Max. On-State Voltage Drop @ Rated Current [Vpk]
1.7
1.7
1.7
1.7
Thermal Resistance Junction to Case (RθJC) [˚C/W]
.25
.22
.25
.22
Maximum I2 t for Fusing, (8.3 msec.) [A2sec]
9,340
12,700
9,340
12,700
Max. Off-State Leakage Current @ Rated Voltage [mArms]
10
10
10
10
Min. Off-State dv/dt @ Max. Rated Voltage [V/µsec]
500
500
500
500
Max. Turn-On Time 
1/2 Cycle (DC Control), 10.0 msec (AC Control)
Max. Turn-Off Time
1/2 Cycle (DC Control), 40.0 msec (AC Control)
Power Factor (Min.) with Max. Load
0.5
0.5
0.5
0.5
INPUT SPECIFICATIONS Œ
DC CONTROL
AC CONTROL
AC CONTROL
(D PREFIX)
(A PREFIX)
(E SUFFIX)
Control Voltage Range
3-32 Vdc
90-280 Vrms (60Hz)
18-36 Vrms
Max. Reverse Voltage
-32 Vdc
---
---
Max. Turn-On Voltage
3.0 Vdc
90 Vrms
18 Vrms
Min. Turn-Off Voltage
1.0 Vdc
10 Vrms
4.0 Vrms
Nominal Input Impedance
1500 Ohms (120/240V Models) 
60K Ohms
9.0K Ohms
Typical Input Current
3.4mA @ 5 Vdc, 20mA @ 28Vdc
2mA @ 120 Vrms, 4mA @ 240 Vrms
3mA @ 24 Vrms
GENERAL NOTES
Œ All parameters at 25ºC unless otherwise specified.
 Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
Ž Heat sinking required, for derating curves see page 2.
 Turn-on time for random turn-on versions is 0.02 msec (DC Control Models).
 Input circuitry for 480V models incorporates active current limiter with 2mA typical input current..
• Zero Voltage and Random
Turn-On Switching
• Panel Mount
• Internal Snubber
FastFax Document No. 152
110/125.040898, PAGE 1 OF 2
Featuring state-of-the-art Surface
Mount Technology, these SPST-NO
relays deliver proven reliability in the
most demanding applications.
Output consists of an SCR AC switch
and is available in zero-cross, random
turn-on (phase controllable) and ver-
sions with either AC or DC input (coil)
control.
Manufactured in Crydom’s ISO 9002
Certified facility for optimum product
performance and reliability.
Series 1 - 110/125A
120/240, 480 Vac • AC Output
©1998 CRYDOM CORP, Specifications subject to change without notice.
For recommended applications and more information contact:
USA: (800) 8 CRYDOM • (800) 827-9366 • (619) 715-7200 • fax (619) 715-7280
Crydom Corp, 9525 Chesapeake Drive, San Diego, CA 92123 • e-mail: sales@crydom.com
WEB SITE: http://www.crydom.com FASTFAX Product Information: (888) 267-9191
UK: (44)1202 812300 • fax (44)1202 812340 Crydom International Ltd., 85, Condor Close,
Woolsbridge Industrial Estate, Three-Legged Cross. Wimborne, Dorset, England BH21 6SU
GERMANY: (49)871 935405 • fax (49)871 935407, Aussere Parkstr.5, D-84032 Altdorf, Germany


Similar Part No. - A24110E-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
A24110E CRYDOM-A24110E Datasheet
748Kb / 5P
   SCR output for heavy industrial loads
A24110E CRYDOM-A24110E Datasheet
822Kb / 6P
   panel mount
A24110E CRYDOM-A24110E Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
A24110E CRYDOM-A24110E Datasheet
1,017Kb / 8P
   Panel Mount
A24110EFPGHT-10-B CRYDOM-A24110EFPGHT-10-B Datasheet
1,018Kb / 8P
   Panel Mount
More results

Similar Description - A24110E-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EZ240A12 ETC1-EZ240A12 Datasheet
56Kb / 2P
   5-18Amp 120/240, 480 Vac AC Output
H12D4825DE ETC1-H12D4825DE Datasheet
37Kb / 2P
   25-40Amp 120/240, 480 Vac AC OUTPUT
CX240A5 ETC1-CX240A5 Datasheet
33Kb / 2P
   5Amp 120/240, 380, 480 Vac AC Output SIP
PF240A25 ETC1-PF240A25 Datasheet
36Kb / 2P
   Up to 25Amp 120/240, 380, 480 Vac AC Output
TD2420Q ETC1-TD2420Q Datasheet
34Kb / 2P
   20Amp 120/240 Vac AC Output
CSD2410 ETC1-CSD2410 Datasheet
45Kb / 3P
   10-90Amp 120/240 Vac AC OUTPUT
S218 ETC1-S218 Datasheet
23Kb / 1P
   8 Amp 120, 240 Vac AC Output
S312 ETC1-S312 Datasheet
23Kb / 1P
   3 Amp 120, 240 Vac AC Output
D2W202F ETC1-D2W202F Datasheet
23Kb / 1P
   2-3.5 Amps 120/240 Vac AC Output SIP
H12CD4850 ETC1-H12CD4850 Datasheet
81Kb / 3P
   50-90Amp 480 Vac AC Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com