Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP9435B Datasheet(PDF) 4 Page - Micronas

Part # VSP9435B
Description  PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VSP9435B Datasheet(HTML) 4 Page - Micronas

  VSP9435B Datasheet HTML 1Page - Micronas VSP9435B Datasheet HTML 2Page - Micronas VSP9435B Datasheet HTML 3Page - Micronas VSP9435B Datasheet HTML 4Page - Micronas VSP9435B Datasheet HTML 5Page - Micronas VSP9435B Datasheet HTML 6Page - Micronas VSP9435B Datasheet HTML 7Page - Micronas VSP9435B Datasheet HTML 8Page - Micronas VSP9435B Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 126 page
background image
VSP 94x2A
DATA SHEET
4
Aug. 16, 2004; 6251-552-1DS
Micronas
Powerful Scan-Rate Converter
including Multistandard Color Decoder
Release Note: Revision bars indicate significant
changes to the previous edition.
1. Introduction
The VSP 94x2A (PRIMUS) is a new component of the
Micronas MEGAVISION® IC set in a CMOS embed-
ded DRAM technology. The VSP 94x2A comprises all
main functions of a digital featurebox in one monolithic
IC. The number of features is limited in favor of a low-
cost solution, but no trade-off has been made concern-
ing picture quality.
The family is ideally suited to work in conjunction with
the deflection processors SDA 9380 (9402/32) and
DDP 3315C (9412/42). In combination with the ’digital
TV decoder’ MDE 9500, double-scan iDTV is possible.
The package is upward pin-compatible to other
medium-range and high-end devices of the VSP 94xy
family. A 50/60 Hz derivative is also available (9432,
9442). The device comprises a digital multistandard
color decoder, an RGB interface with fast-blank capa-
bility (SCART), digital ITU656 input, scaling units
including panorama, embedded DRAM for upconver-
sion, picture improvements, temporal noise reduction,
as well as A/D and D/A converters.
Table 1–1: PRIMUS’ versions
Version
Scan Rate
Conversion
Digital Input
Digital Output
Analog Output
9402A (B13)
100i/120i
(✓)1)
(✓)1)
9412A (B14)
100i/120i
✓✓
1) Input and output cannot be used at same time (pin sharing)
Table 1–2: Hardware Compatibility and Suited Backend ICs
Hardware Compatible 1)
Suited Backend IC
DDP 3315C
SDA 9380
VSP 94
02A,
VSP 94
05B, VSP 9435B
VSP 94
07B, VSP 9437B
(No ITU656 input possible)
VSP 94
12A,
VSP 94
15B, VSP 9445B
VSP 94
17B, VSP 9447B
VSP 94
25B, VSP 9427B
✓✓
1) With some restrictions. Please refer to pin description and/or respective application note


Similar Part No. - VSP9435B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP01M01 TI1-VSP01M01 Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01GWD TI1-VSP01M01GWD Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01GWDR TI1-VSP01M01GWDR Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01ZWD TI1-VSP01M01ZWD Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01ZWDR TI1-VSP01M01ZWDR Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
More results

Similar Description - VSP9435B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA9255 SIEMENS-SDA9255 Datasheet
225Kb / 45P
   SRC-Scan Rate Converter SDA9255
logo
NXP Semiconductors
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
   Multistandard decoder
March 1991
TDA4555 PHILIPS-TDA4555 Datasheet
107Kb / 11P
   Multistandard decoder
November 1984
logo
Micronas
SDA9415-B13 MICRONAS-SDA9415-B13 Datasheet
3Mb / 185P
   Display Processor and Scan Rate Converter
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
   MULTISTANDARD VIDEO DECODER/SCALER
logo
NXP Semiconductors
SAA9051 PHILIPS-SAA9051 Datasheet
1Mb / 44P
   Digital multistandard TV decoder
May 1991
logo
Samsung semiconductor
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
logo
List of Unclassifed Man...
SDA9401 ETC-SDA9401 Datasheet
1Mb / 69P
   Scan Rate Converter using Embedded DRAM Technology Units
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com