Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90SP0801-01SC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT90SP0801-01SC
Description  Secure Signature Generation Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SP0801-01SC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT90SP0801-01SC Datasheet HTML 2Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 3Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 4Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 5Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 6Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 7Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 8Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 9Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
AT90SP0801
1495AS–01/02
Read Commands
Block read commands are slightly different than writes and are encoded as follows:
The read command is only one byte long, and the chip (not the host) sends back the
count information. The count value will always be the smaller of MAXBLK_R or the
(remaining) number of bytes in the register that have not been read yet.
When there are a large number of bytes in the buffer, multiple read commands must be
executed to read all the bytes out of the chip. Using the slave address of 0x53 will cause
the chip to start reading at the beginning of the buffer. Using the slave address of 0x51
will cause the chip to continue reading information that is subsequent to the information
last read by the chip from the buffer. After a load or crypto operation, the first command
may also be a 0x51, which will have the same effect as 0x53.
Block Reads are formatted as follows:
After the last byte has been read from the register, the read pointer is reset back to the
beginning of the register, and the system may continue to read from the beginning of the
buffer again, if desired. There is no indication from the chip as to when the read pointer
has been reset (other than as may be inferred from the values in the count field).
To be compatible with the SMBus specification, the read command may optionally be
preceded by the first two bytes of either of the “ignored write” commands, which are then
aborted with a new start bit for the read. The two bytes of the write command are com-
pletely ignored by the chip in this case, and a different encoding for the second byte
(01111111, or 0x7F) must be used. Execution of a block read sequence using a legal
write command code for the second byte (00, 0x40, 0x80 or 0xC) is undefined.
The protocol for this is shown below:
Slave Address
Command Code
Description
0 101 00 11
--------
Read buffer, first block
0 101 00 01
--------
Read, subsequent blk
17
1
1
8
1
...
S
Slave Address
Rd
A
Byte Count = N
A
8
181
...
81
1
Data Byte 1
A
Data Byte 2
A
Data Byte N
NP
17
1
1
8
1
1
7
1
1
...
S
Slave Address
Wr
A
0111 1111
AS
Slave Address
Rd
A
81
8
1
8
1
...
81
1
Byte Count = N
A
Data byte 1
A
Data byte 2
A
Data byte N
NP


Similar Part No. - AT90SP0801-01SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200 Datasheet
310Kb / 7P
   8-Bit Microcontroller with 1K bytes In-System Programmable Flash
AT90S1200 ATMEL-AT90S1200 Datasheet
1Mb / 71P
   8-bit Microcontroller with 1K Byte of In-System Programmable Flash
AT90S1200 ATMEL-AT90S1200 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S1200-12PC ATMEL-AT90S1200-12PC Datasheet
310Kb / 7P
   8-Bit Microcontroller with 1K bytes In-System Programmable Flash
AT90S1200-12PC ATMEL-AT90S1200-12PC Datasheet
1Mb / 71P
   8-bit Microcontroller with 1K Byte of In-System Programmable Flash
More results

Similar Description - AT90SP0801-01SC

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5002FP DALLAS-DS5002FP_1 Datasheet
447Kb / 29P
   Secure Microprocessor Chip
DS5002FP DALLAS-DS5002FP_06 Datasheet
1Mb / 25P
   Secure Microprocessor Chip
logo
Maxim Integrated Produc...
DS5002 MAXIM-DS5002 Datasheet
1Mb / 25P
   Secure Microprocessor Chip
REV: 072806
DS5003 MAXIM-DS5003 Datasheet
308Kb / 24P
   Secure Microprocessor Chip
Rev 0; 3/08
logo
Dallas Semiconductor
DS5002FP DALLAS-DS5002FP Datasheet
445Kb / 25P
   Secure Microprocessor Chip
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
logo
ON Semiconductor
MC10EP139 ONSEMI-MC10EP139_16 Datasheet
218Kb / 14P
   Clock Generation Chip
August, 2016 ??Rev. 14
MC10EL34 ONSEMI-MC10EL34_16 Datasheet
173Kb / 9P
   Clock Generation Chip
July, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com