Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2402 Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HN58X2402
Description  Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X2402 Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HN58X2402 Datasheet HTML 7Page - Hitachi Semiconductor HN58X2402 Datasheet HTML 8Page - Hitachi Semiconductor HN58X2402 Datasheet HTML 9Page - Hitachi Semiconductor HN58X2402 Datasheet HTML 10Page - Hitachi Semiconductor HN58X2402 Datasheet HTML 11Page - Hitachi Semiconductor HN58X2402 Datasheet HTML 12Page - Hitachi Semiconductor HN58X2402 Datasheet HTML 13Page - Hitachi Semiconductor HN58X2402 Datasheet HTML 14Page - Hitachi Semiconductor HN58X2402 Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
HN58X2402/58X2404/58X2408/58X2416/58X2432/58X2464
11
Acknowledge Timing Waveform
SCL
SDA IN
SDA OUT
12
8
9
Acknowledge
out
Device Addressing
The EEPROM device requires an 8-bit device address word following a start condition to enable the chip
for a read or a write operation. The device address word consists of 4-bit device code, 3-bit device address
code and 1-bit read/write(R/W) code. The most significant 4-bit of the device address word are used to
distinguish device type and this EEPROM uses “1010” fixed code. The device address word is followed by
the 3-bit device address code in the order of A2, A1, A0. The device address code selects one device out of
all devices which are connected to the bus. This means that the device is selected if the inputted 3-bit
device address code is equal to the corresponding hard-wired A2-A0 pin status. As for the 4kbit, 8kbit and
16kbit EEPROMs, whole or some bits of their device address code may be used as the memory address
bits. For example, A0 is used as a8 of memory address for the 4kbit, A0 and A1 are used as a8 and a9 for
the 8kbit. The 16kbit doesn't use the device address code instead all 3 bits are used as the memory address
bits a8, a9 and a10. The eighth bit of the device address word is the read/write(R/W) bit. A write operation
is initiated if this bit is low and a read operation is initiated if this bit is high. Upon a compare of the device
address word, the EEPROM enters the read or write operation after outputting the zero as an acknowledge.
The EEPROM turns to a stand-by state if the device code is not “1010” or device address code doesn’t
coincide with status of the correspond hard-wired device address pins A0 to A2.
Device Address Word
Device address word (8-bit)
Device code (fixed)
Device address code*
1
R/W code*
2
2k, 32k, 64k 1010A2
A1
A0
R/W
4k
1010A2
A1
a8
R/W
8k
1010A2
a9
a8
R/W
16k
1010a10
a9
a8
R/W
Notes: 1. A2 to A0 are device address and a10 to a8 are memory address.
2. R/W=“1” is read and R/W = “0” is write.


Similar Part No. - HN58X2402

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
HN58X2402FP-SR HITACHI-HN58X2402FP-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
HN58X2402SFPI HITACHI-HN58X2402SFPI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
Renesas Technology Corp
HN58X2402SFPIAG RENESAS-HN58X2402SFPIAG Datasheet
129Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
HN58X2402SFPIAGE RENESAS-HN58X2402SFPIAGE Datasheet
129Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
More results

Similar Description - HN58X2402

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I_15 Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM (8-kword ??8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_09 Datasheet
909Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com