Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMC-C540 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSMC-C540
Description  Oval Lens High Performance Surface Mount LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMC-C540 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HSMC-C540 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMC-C540 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMC-C540 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMC-C540 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMC-C540 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMC-C540 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMC-C540 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMC-C540 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Figure 8. Recommended reflow soldering profile.
(JEDEC J-STD-020-A)
Figure 10. Reeling orientation.
Figure 11. Reel dimensions.
Figure 9. Recommended soldering pad pattern.
240°C MAX.
20 SEC. MAX.
3°C/SEC.
MAX.
120 SEC. MAX.
TIME
183°C
100-150°C
–6°C/SEC. MAX.
60-150 SEC.
3°C/SEC. MAX.
Notes:
1. All dimensions in millimeters (inches).
2. Tolerance is ± 0.1 mm (± 0.004 in.) unless otherwise specified.
1.15 (0.045)
1.06
(0.042)
0.90
(0.035)
0.90
(0.035)
CATHODE SIDE
PRINTED LABEL
USER FEED DIRECTION
2.0
(0.08)
21.0
(0.83)
Ø 13.0
(0.51)
1.5
(0.06)
TYP.
13.0
(0.51)
10.0
(0.39)
Ø
60.0
(2.36)
Ø
LABEL
180
(7.08)


Similar Part No. - HSMC-C540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMC-C110 ETC1-HSMC-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-C110 AVAGO-HSMC-C110 Datasheet
420Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMC-C110 BOARDCOM-HSMC-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
Agilent(Hewlett-Packard...
HSMC-C120 HP-HSMC-C120 Datasheet
210Kb / 10P
   Right Angle ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-C120 AVAGO-HSMC-C120 Datasheet
188Kb / 10P
   High Performance Chip LEDs
More results

Similar Description - HSMC-C540

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13VT ROHM-SML-S13VT Datasheet
326Kb / 12P
   Surface mount Lens LEDs
SML-S13RT ROHM-SML-S13RT Datasheet
874Kb / 10P
   Surface mount Lens LEDs
SML-S1X ROHM-SML-S1X Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
logo
Agilent(Hewlett-Packard...
HSMX-S660 HP-HSMX-S660 Datasheet
205Kb / 11P
   High Performance Surface Mount Chip LEDs
logo
Sanken electric
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
   Side View Surface Mount LEDs (Inner Lens Type)
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
logo
P-tec Corporation
PL1010SO-WCCW P-TEC-PL1010SO-WCCW Datasheet
34Kb / 1P
   Oval Lens High Power White SMD LED
logo
Sanken electric
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
   3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com