Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMU-C540 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMU-C540
Description  Oval Lens High Performance Surface Mount LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMU-C540 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMU-C540 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMU-C540 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMU-C540 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMU-C540 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMU-C540 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMU-C540 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMU-C540 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMU-C540 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings at TA = 25˚C
Parameter
AlInGaP
InGaN
Units
DC Forward Current [1]
30
25
mA
Peak Pulsing Current[2]
100
100
mA
Power Dissipation
78
105
mW
Reverse Voltage (IR = 10 µA)
5
V
Reverse Voltage (IR = 100 µA)
5
V
LED Junction Temperature
95
95
˚C
Operating Temperature Range
–40 to +85
–40 to +85
˚C
Storage Temperature Range
–40 to +100
–40 to +100
˚C
Soldering Temperature
See IR soldering profile (Figure 8)
Notes:
1. Derate linearly as shown in Figure 4.
2. Pulse condition of 1/10 duty and 0.1 ms width.
Electrical Characteristics at TA = 25˚C
Forward Voltage
Reverse Breakdown
Reverse Breakdown
Capacitance C
Thermal
VF (Volts)
VR (Volts)
VR (Volts)
(pF), VF = 0,
Resistance
@ IF = 20 mA
@ IR = 100 µA@ IR = 10 µA
f = 1 MHz
R
θJ–PIN (˚C/W)
Part Number
Typ.
Max.
Min.
Min.
Typ.
Typ.
HSMA-C540
2.0
2.6
5
17
485
HSMC-C540
2.0
2.6
5
17
485
HSMM-C540
3.8
4.2
5
50
380
HSMN-C540
3.8
4.2
5
50
380
HSMU-C540
2.2
2.6
5
30
485
HSMZ-C540
2.2
2.6
5
30
485
Optical Characteristics at TA = 25˚C
Luminous
Color,
Viewing
Luminous
Intensity
Peak
Dominant
Angle
Efficacy
IV (mcd)
Wavelength
Wavelength
2
θ1/2
ηV
@ 20 mA[1]
λpeak (nm)
λd[2] (nm)
Degrees[3]
(lm/w)
Part Number
Color
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
HSMA-C540
As AlInGaP Amber 96
160
592
590
100
°/40°
470
HSMC-C540
As AlInGaP Red
96
210
635
626
100
°/40°
175
HSMM-C540
InGaN Green
57
230
523
525
100
°/40°
475
HSMN-C540
InGaN Blue
26
55
468
470
100
°/40°
70
HSMU-C540
TS AlInGaP Amber 157
270
592
590
100
°/40°
550
HSMZ-C540
TS AlInGaP Red
209
350
641
629
100
°/40°
145
Notes:
1. The luminous intensity, IV, is measured at the peak of the spatial radiation pattern, which may not be aligned with the mechanical axis of the
lamp package.
2. The dominant wavelength,
λd, is derived from the CIE Chromatically Diagram and represents the perceived color of the device.
3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.


Similar Part No. - HSMU-C540

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMU-A100 HP-HSMU-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
HSMU-A100 HP-HSMU-A100 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMU-A100 BOARDCOM-HSMU-A100 Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMU-A100-R00J1 HP-HSMU-A100-R00J1 Datasheet
67Kb / 2P
   PLCC-2 SMT LED
HSMU-A100-S00J1 HP-HSMU-A100-S00J1 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
More results

Similar Description - HSMU-C540

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13VT ROHM-SML-S13VT Datasheet
326Kb / 12P
   Surface mount Lens LEDs
SML-S13RT ROHM-SML-S13RT Datasheet
874Kb / 10P
   Surface mount Lens LEDs
SML-S1X ROHM-SML-S1X Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
logo
Agilent(Hewlett-Packard...
HSMX-S660 HP-HSMX-S660 Datasheet
205Kb / 11P
   High Performance Surface Mount Chip LEDs
logo
Sanken electric
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
   Side View Surface Mount LEDs (Inner Lens Type)
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
logo
P-tec Corporation
PL1010SO-WCCW P-TEC-PL1010SO-WCCW Datasheet
34Kb / 1P
   Oval Lens High Power White SMD LED
logo
Sanken electric
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
   3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com