Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMZ-C540 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMZ-C540
Description  Oval Lens High Performance Surface Mount LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMZ-C540 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMZ-C540 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Package Dimensions
Device Selection Guide
Part Number[1]
Color
Viewing Angle
Parts per Reel
HSMA-C540-F0001
AS AlInGaP Amber
100
° / 40°
3000
HSMC-C540-F0001
AS AlInGaP Red
100
° / 40°
3000
HSMM-C540-D0001
InGaN Green
100
° / 40°
3000
HSMN-C540-A0001
InGaN Blue
100
° / 40°
3000
HSMU-C540-H0001
TS AlInGaP Amber
100
°/40°
3000
HSMZ-C540-J0001
TS AlInGaP Red
100
°/40°
3000
HSMx-XXXX-X X X X X
4 x 4 Prod.
Part
Number
Min. Iv Bin
Max. Iv Bin
Color Bin
Selection
Packaging
Option
Ordering Information
0.50 (0.02)
POLARITY
0.63 (0.025)
1.25 (0.05)
2.00 (0.08)
1.25 (0.05)
1.20 (0.048)
NOTES:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
2. TOLERANCE IS ± 0.1 mm (± 0.004 IN.) UNLESS OTHERWISE SPECIFIED.
1.16 (0.046)
1.25 (0.05)
SOLDERING
PAD
0.45 (0.018)
GREEN CATHODE MARKING


Similar Part No. - HSMZ-C540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMZ-C110 ETC1-HSMZ-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMZ-C110 AVAGO-HSMZ-C110 Datasheet
420Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMZ-C110 BOARDCOM-HSMZ-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
List of Unclassifed Man...
HSMZ-C170 ETC1-HSMZ-C170 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMZ-C170 AVAGO-HSMZ-C170 Datasheet
420Kb / 11P
   High Performance ChipLED
More results

Similar Description - HSMZ-C540

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13VT ROHM-SML-S13VT Datasheet
326Kb / 12P
   Surface mount Lens LEDs
SML-S13RT ROHM-SML-S13RT Datasheet
874Kb / 10P
   Surface mount Lens LEDs
SML-S1X ROHM-SML-S1X Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
logo
Agilent(Hewlett-Packard...
HSMX-S660 HP-HSMX-S660 Datasheet
205Kb / 11P
   High Performance Surface Mount Chip LEDs
logo
Sanken electric
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
   Side View Surface Mount LEDs (Inner Lens Type)
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
logo
P-tec Corporation
PL1010SO-WCCW P-TEC-PL1010SO-WCCW Datasheet
34Kb / 1P
   Oval Lens High Power White SMD LED
logo
Sanken electric
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
   3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com