Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC42N Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74HC42N
Description  1-of-10 Decoder High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HC42N Datasheet(HTML) 3 Page - Motorola, Inc

  MC74HC42N Datasheet HTML 1Page - Motorola, Inc MC74HC42N Datasheet HTML 2Page - Motorola, Inc MC74HC42N Datasheet HTML 3Page - Motorola, Inc MC74HC42N Datasheet HTML 4Page - Motorola, Inc MC74HC42N Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC74HC42
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 1 and 2)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 2)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTES:
1. For propagation delays with loads other than 50 pF, see Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
2. Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Package)*
Typical @ 25
°C, VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance (Per Package)*
65
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).
Figure 1. Switching Waveforms
tr
VCC
GND
90%
50%
10%
90%
50%
10%
INPUT A
OUTPUT Y
tPHL
tPLH
tTHL
tTLH
* Includes all probe and jig capacitance
Figure 2. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
tf
FUNCTION TABLE
Inputs
Outputs
A3
A2
A1
A0
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
L
L
L
L
L
H
H
H
H
H
H
H
H
H
L
L
L
H
H
L
H
H
H
H
H
H
H
H
L
L
H
L
H
H
L
H
H
H
H
H
H
H
L
L
H
H
H
H
H
L
H
H
H
H
H
H
L
H
L
L
H
H
H
H
L
H
H
H
H
H
L
H
L
H
H
H
H
H
H
L
H
H
H
H
L
H
H
L
H
H
H
H
H
H
L
H
H
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
L
L
L
H
H
H
H
H
H
H
H
L
H
H
L
L
H
H
H
H
H
H
H
H
H
H
L
H
L
H
L
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H


Similar Part No. - MC74HC42N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4016 ONSEMI-MC74HC4016 Datasheet
286Kb / 11P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4016D ONSEMI-MC74HC4016D Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HC4016N ONSEMI-MC74HC4016N Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
logo
Motorola, Inc
MC74HC4017 MOTOROLA-MC74HC4017 Datasheet
227Kb / 9P
   Decade Counter High?밣erformance Silicon?밎ate CMOS
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results

Similar Description - MC74HC42N

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT138 SLS-SL74HCT138 Datasheet
52Kb / 5P
   1- of-8 Decoder/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC54HC154 MOTOROLA-MC54HC154 Datasheet
107Kb / 7P
   1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC154A IKSEMICON-IN74HC154A Datasheet
299Kb / 7P
   1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
IN74HCT138A IKSEMICON-IN74HCT138A Datasheet
208Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HC138 MOTOROLA-MC54HC138 Datasheet
274Kb / 4P
   1-of-8 Decoder / Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC154A KODENSHI-KK74HC154A Datasheet
310Kb / 7P
   1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC138 INTEGRAL-IN74HC138 Datasheet
103Kb / 5P
   1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT138A KODENSHI-KK74HCT138A Datasheet
222Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT139 SLS-SL74HCT139 Datasheet
46Kb / 5P
   Dual 1-of-4 Decoder/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT139A IKSEMICON-IN74HCT139A Datasheet
209Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com