Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG303ACJ Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # DG303ACJ
Description  CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG303ACJ Datasheet(HTML) 4 Page - TEMIC Semiconductors

  DG303ACJ Datasheet HTML 1Page - TEMIC Semiconductors DG303ACJ Datasheet HTML 2Page - TEMIC Semiconductors DG303ACJ Datasheet HTML 3Page - TEMIC Semiconductors DG303ACJ Datasheet HTML 4Page - TEMIC Semiconductors DG303ACJ Datasheet HTML 5Page - TEMIC Semiconductors DG303ACJ Datasheet HTML 6Page - TEMIC Semiconductors DG303ACJ Datasheet HTML 7Page - TEMIC Semiconductors DG303ACJ Datasheet HTML 8Page - TEMIC Semiconductors DG303ACJ Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DG300A/301A/302A/303A
4
Siliconix
S-52880—Rev. C, 28-Apr-97
Absolute Maximum Ratings
Voltages Referenced to V–
V+
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa, VS, VD
(V–) –2 V to (V+) +2V or
. . . . . . . . . . . . . . . . .
30 mA, whichever occurs first
Current, Any Terminal
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current, S or D
(Pulsed at 1 ms, 10% duty cycle max)
100 mA
. . . . . . . . . . . . . . . . . . . .
Storage Temperature
(A & B Suffix)
–65 to 150
_C
. . . . . . . . . . . .
(C Suffix)
–65 to 125
_C
. . . . . . . . . . . . . . . .
Power Dissipationb
14-Pin Plastic DIPc
470 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
14-Pin CerDIPd
825 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10-Pin Metal Cane
450 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V– will be clamped by
internal diodes. Limit forward diode current to maximum current
ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 6.5 mW/
_C above 25_C
d.
Derate 11 mW/
_C above 75_C
e.
Derate 6 mW/
_C above 75_C
Schematic Diagram (Typical Channel)
Figure 1.
Level
Shift/
Drive
VIN
S
V+
GND
V–
D
V–
V+


Similar Part No. - DG303ACJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG303ACJ INTERSIL-DG303ACJ Datasheet
83Kb / 7P
   TTL-Compatible, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG303ACJ MAXIM-DG303ACJ Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
logo
Intersil Corporation
DG303ACJ INTERSIL-DG303ACJ Datasheet
308Kb / 7P
   TTL-Compatible, CMOS Analog Switches
More results

Similar Description - DG303ACJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com