Electronic Components Datasheet Search |
|
DG303ADY Datasheet(PDF) 9 Page - TEMIC Semiconductors |
|
DG303ADY Datasheet(HTML) 9 Page - TEMIC Semiconductors |
9 / 10 page DG300A/301A/302A/303A Siliconix S-52880—Rev. C, 28-Apr-97 9 Application Hintsa V+ Positive Supply Voltage (V) V– Negative Supply Voltage (V) GND Voltage (V) VIN Logic Input Voltage VINH(min)/VINL(max) (V) VS or VD Analog Voltage Range (V) 15 20 15 –15 –20 0 0 0 0 4/0.8 4/0.8 4/0.8 –15 to 15 –20 to 20 0 to 15 Note: a. Application Hints are for DESIGN AID ONLY, not guaranteed and not subject to production testing. Applications The DG300A series of analog switches will switch positive analog signals while using a single positive supply. This facilitates their use in applications where only one supply is available. The trade-offs of using single supplies are: 1) Increased rDS(on); 2) slower switching speed. The analog voltage should not go above or below the supply voltages which in single operation are V+ and 0 V. (See Input Switching Threshold vs. Positive Supply Voltage Curve.) +15 V +15 V +15 V DG301A TTL Input +5 V 10 k W 10 k W 5 k W 5 k W 100 k W 10 mF 50 k W VOUT Figure 5. Single Supply Op Amp Switching |
Similar Part No. - DG303ADY |
|
Similar Description - DG303ADY |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |