Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TI380C60A Datasheet(PDF) 9 Page - Texas Instruments

Part # TI380C60A
Description  CMOS TOKEN-RING INTERFACE DEVICE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TI380C60A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TI380C60A Datasheet HTML 5Page - Texas Instruments TI380C60A Datasheet HTML 6Page - Texas Instruments TI380C60A Datasheet HTML 7Page - Texas Instruments TI380C60A Datasheet HTML 8Page - Texas Instruments TI380C60A Datasheet HTML 9Page - Texas Instruments TI380C60A Datasheet HTML 10Page - Texas Instruments TI380C60A Datasheet HTML 11Page - Texas Instruments TI380C60A Datasheet HTML 12Page - Texas Instruments TI380C60A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TI380C60A
CMOS TOKEN-RING INTERFACE DEVICE
SPWS033 – DECEMBER 1996
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating case temperature range (unless otherwise noted)
Supply voltage range, VDD (see Note 2)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (see Notes 2 and 3)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation (see Note 4)
0.75 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD protection, VESD (see Note 5)
1500 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction-to-ambient package thermal impedance @ 0 LFPM air flow,
Qja(0)
80.5
°C/W
. . . . . . . . . . . . . . . . . .
Junction-to-ambient package thermal impedance @ 100 LFPM air flow,
Qja(100)
64.9
°C/W
. . . . . . . . . . . . .
Junction-to-case package thermal impedance,
Qjc
8.9
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
0
°C to 95°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
2. All voltage values are with respect to VSS unless otherwise noted.
3. Inputs can be taken to more negative voltages if the current is limited to 20 mA.
4. Maximum power dissipation per package
5. The device is classified as ESDS class 1 (A:1500). ESD protection measured per MIL-STD-883C, Method 3015.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
All VDD
4.75
5
5.25
V
VIH
High-level input voltage (see Note 6)
TTL inputs
2
VDD + 0.3
V
VIL
Low-level input voltage (see Notes 6 and 7)
TTL inputs
– 0.3
0.8
V
VIB
Receiver input bias voltage
See Note 8
VSB –1
VSB +1
V
IOH
High-level output current (see Note 6)
TTL outputs
– 0.2
mA
IOL
Low-level output current (see Note 6)
TTL outputs
2
mA
TC
Operating case temperature range
0
95
°C
‡ Recommended operating conditions indicate the conditions that must be met to ensure that the device functions as intended and meets the
detailed electrical specifications. Unless otherwise noted, all electrical specifications apply for all recommended operating conditions. Voltages
are measured with respect to the device VSS pins. Currents into the device are considered to be positive.
NOTES:
6. The TTL input and TTL output pins are identified in the pin functions table.
7. Inputs can be taken to more negative voltages if the IDD current is limited to 20 mA.
8. VSB is the self-bias voltage of the input pair RCV+ and RCV–. It is defined as VSB = (VSB+ +VSB –) / 2 (where VSB+ is the self-bias
voltage of RCV+; VSB – is the self-bias voltage of RCV–). The self-bias voltage of both pins is approximately VDD / 2.
electrical characteristics over recommended ranges of supply voltage and operating case
temperature (unless otherwise noted)
TTL input and output pins (see Note 6)
PARAMETER
TEST
CONDITIONS§
MIN
TYP
MAX
UNIT
IIH
High-level input current
VI = VDD
– 20
20
µA
IIL
Low-level input current
VI = OV (PWRDN = High)
– 100
–20
µA
VOH
High-level output voltage
IOH = – 0.2 mA
2.6
V
VOL
Low-level output voltage
IOL = 2 mA
0.45
V
IOZH
Off-state output current with high-level voltage applied
VO = 2.7 V
– 20
20
µA
IOZL
Off-state output current with low-level voltage applied
VO = 0.4 V
– 20
20
µA
IDD
Supply current
Normal mode
VDD = MAX
120
mA
IDD
Supply current
Power-down mode
VDD = MAX
10
mA
§ For conditions shown as MIN/MAX, use the appropriate value specified under recommended operating conditions.
NOTE 6: The TTL input and TTL output pins are identified in the pin functions table.


Similar Part No. - TI380C60A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380C60 TI1-TI380C60 Datasheet
235Kb / 15P
[Old version datasheet]   CMOS TOKEN-RING INTERFACE DEVICE
TI380C60PAH TI1-TI380C60PAH Datasheet
235Kb / 15P
[Old version datasheet]   CMOS TOKEN-RING INTERFACE DEVICE
More results

Similar Description - TI380C60A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380C60 TI1-TI380C60 Datasheet
235Kb / 15P
[Old version datasheet]   CMOS TOKEN-RING INTERFACE DEVICE
logo
Datatronic Distribution...
NT802-031 DATATRONICS-NT802-031 Datasheet
71Kb / 1P
   Token Ring Interface Module
NT802-032 DATATRONICS-NT802-032 Datasheet
71Kb / 1P
   Token Ring Interface Module
NT802-050 DATATRONICS-NT802-050 Datasheet
85Kb / 1P
   Token Ring Interface Module
NT802-051 DATATRONICS-NT802-051 Datasheet
101Kb / 1P
   Token Ring Interface Module
NT802-061 DATATRONICS-NT802-061 Datasheet
81Kb / 1P
   Token Ring Interface Module
NT802-041 DATATRONICS-NT802-041 Datasheet
64Kb / 1P
   Token Ring Interface Module
logo
PCA ELECTRONICS INC.
EPT7088 PCA-EPT7088 Datasheet
52Kb / 2P
   Token Ring Interface Module
logo
Datatronic Distribution...
NT802-042 DATATRONICS-NT802-042 Datasheet
71Kb / 1P
   Token Ring Interface Module
NT802-060 DATATRONICS-NT802-060 Datasheet
81Kb / 1P
   Token Ring Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com