Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75122D Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75122D
Description  TRIPLE LINE RECEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75122D Datasheet(HTML) 4 Page - Texas Instruments

  SN75122D Datasheet HTML 1Page - Texas Instruments SN75122D Datasheet HTML 2Page - Texas Instruments SN75122D Datasheet HTML 3Page - Texas Instruments SN75122D Datasheet HTML 4Page - Texas Instruments SN75122D Datasheet HTML 5Page - Texas Instruments SN75122D Datasheet HTML 6Page - Texas Instruments SN75122D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
N8T14, SN55122, SN75122
TRIPLE LINE RECEIVERS
SLLS075B – D1334, SEPTEMBER 1973 – REVISED FEBRUARY 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–4
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
A, B, R, or S
2
V
Low-level input voltage, VIL
A, B, R, or S
0.8
V
High-level output current, IOH
– 500
µA
Low-level output current, IOL
16
mA
Operating free air temperature TA
SN55122
–55
125
°C
Operating free-air temperature, TA
SN75122
0
70
°C
electrical characteristics over recommended operating free-air temperature, VCC = 4.75 V to
5.25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Vhys
Hysteresis (VT+ – VT–)
R
VCC = 5 V,
TA = 25°C,
See Figures 2 and 4
0.3
0.6
V
VIK
Input clamp voltage
A, B, or S
VCC = 5 V,
II = –12 mA
–1.5
V
VI(BR)
Input breakdown voltage
A, B, or S
VCC = 5 V,
II = 10 mA
5.5
V
VIH = 2 V,
VIL = 0.8 V,
IOH = – 500 µA
2.6
VOH
High-level output voltage
VI(A) = 0,
VI(B) = 0,
VI(S) = 2 V,
VI(R) = 1.45 V, IOH = – 500 µA, See Note 3
2.6
V
VIH = 2 V,
VIL = 0.8 V,
IOL = 16 mA
0.4
VOL
Low-level output voltage
VI(A) = 0,
VI(B) = 0,
VI(S) = 2 V,
VI(R) = 1.45 V, IOL = 16 mA,
See Note 4
0.4
V
IIH
High level input current
A, B, or S
VI = 4.5 V
40
µA
IIH
High-level input current
R
VI = 3.8 V
170
µA
IIL
Low-level input current
A, B, or S
VI = 0.4 V,
VIR = 0.8 V
– 0.1
–1.6
mA
IOS‡
Short-circuit output current
VCC = 5 V,
TA = 25°C
–50
–100
mA
ICCH
High-level supply current
VCC = MAX,
All inputs at 0.8 V,
Outputs open
72
mA
ICCL
Low-level supply current
VCC = MAX,
All inputs at 2 V,
Outputs open
100
mA
† All typical values are at VCC = 5 V and TA = 25°C.
‡ Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.
NOTES: 3. The receiver input is high immediately before being reduced to 1.45 V.
4. The receiver input is low immediately before being increased to 1.45 V.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output from R input
See Figure 1
20
30
ns
tPHL
Propagation delay time, high-to-low-level output from R input
See Figure 1
20
30
ns


Similar Part No. - SN75122D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75121 TI-SN75121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
SN75121 TI1-SN75121 Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN75121D TI-SN75121D Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
SN75121D TI1-SN75121D Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN75121N TI-SN75121N Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
More results

Similar Description - SN75122D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
   Triple Line Drivers / Receivers
logo
Renesas Technology Corp
HD29468 RENESAS-HD29468 Datasheet
205Kb / 8P
   Triple Line Drivers/Receivers
logo
Motorola, Inc
MC8T24 MOTOROLA-MC8T24 Datasheet
190Kb / 4P
   TRIPLE LINE RECEIVERS WITH HYSTERESIS
logo
Renesas Technology Corp
HS-245RH RENESAS-HS-245RH Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
logo
Texas Instruments
SN55107A TI1-SN55107A_15 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55107A TI-SN55107A_08 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
logo
Unisonic Technologies
UT3238 UTC-UT3238 Datasheet
203Kb / 10P
   LINE DRIVERS/RECEIVERS
logo
Texas Instruments
MC1489 TI-MC1489 Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com