Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG33 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # UG33
Description  0.6um ULC Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

UG33 Datasheet(HTML) 5 Page - ATMEL Corporation

  UG33 Datasheet HTML 1Page - ATMEL Corporation UG33 Datasheet HTML 2Page - ATMEL Corporation UG33 Datasheet HTML 3Page - ATMEL Corporation UG33 Datasheet HTML 4Page - ATMEL Corporation UG33 Datasheet HTML 5Page - ATMEL Corporation UG33 Datasheet HTML 6Page - ATMEL Corporation UG33 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UG Series
5–5
Rev. B
25 May. 98
Derating Factors: tP = KP x Kt x KV x tNOMINAL
Process
Process
Best
Nominal
Worst
KP
0.82
1.00
1.28
Ambient Temperature
_C
TA
–55
–40
0
25
70
85
125
KT
0.74
0.79
0.92
1.00
1.15
1.20
1.32
Supply Voltage
VDD
2.7
3
3.13
3.3
3.47
3.6
4
4.5
4.75
5
5.25
5.5
KV
1.89
1.66
1.58
1.49
1.41
1.35
1.23
1.1
1.05
1
0.96
0.93
External Timing Characteristics
(Over the Operating Range)
These timing parameters are provided for information
only.
Actual
pin-to-pin
timing
characteristics
guaranteed for ULCs are determined by the original
FPGA or PLD data sheet plus any specific parameters
that are agreed to separately by Atmel Wireless &
Microcontrollers.
Max
Parameter
Symbol
Base Part
SSO
Min
Typ
Max
Unit
UG01
5.0
7.5
UG04–UG09
6.0
9.0
Propagation Time
tPD
UG14–UG20
7.0
10.5
UG33–UG90
8.5
13.0
UG120–UG140
9.5
14.5
UG01
32
6.5
10.0
UG04–UG09
50
7.5
11.5
Clock Delay Time
tCO
UG14–UG20
100
8.5
13.0
UG33–UG90
220
10.0
15.0
ns
UG120–UG140
300
11.0
16.5
Hold Time
tH
0.0
UG01
32
6.5
10.0
UG04–UG09
50
7.5
11.5
Output Enable Time
tEN
UG14–UG20
100
8.5
13.0
UG33–UG90
220
10.0
15.0
UG120–UG140
300
11.0
16.5


Similar Part No. - UG33

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
UG338 SILABS-UG338 Datasheet
1Mb / 34P
   BGM13P22 Blue Gecko Module
More results

Similar Description - UG33

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
ESD05V72T-ULC UNSEMI-ESD05V72T-ULC Datasheet
124Kb / 1P
   ESD05V72T-ULC
2023-06-20
logo
ATMEL Corporation
ATU18 ATMEL-ATU18 Datasheet
186Kb / 12P
   0.18um ULC Series with Embedded DPRAM
UA1 ATMEL-UA1 Datasheet
125Kb / 8P
   0.35 關m ULC
UA1E ATMEL-UA1E Datasheet
152Kb / 11P
   0.35 um ULC Series with Embedded DPRAM
logo
TDK Electronics
SD0201SL-ULC101 TDK-SD0201SL-ULC101 Datasheet
419Kb / 12P
   WL-CSP0201 Slim-line, ULC type
2021-04-07 Version: 1
SD01005SL-ULC102 TDK-SD01005SL-ULC102 Datasheet
665Kb / 14P
   Ultra-low clamping and capacitance (ULC) type
2022-07-14 Version: 1
SD01005SL-ULC101 TDK-SD01005SL-ULC101 Datasheet
563Kb / 12P
   WL-CSP01005 Slim-line, ULC type
2021-04-07 Version: 1
SD0201SL-ULC102 TDK-SD0201SL-ULC102 Datasheet
612Kb / 14P
   Ultra-low clamping and capacitance (ULC) type
2022-10-12 Version: 1
logo
Molex Electronics Ltd.
0850130361 MOLEX9-0850130361 Datasheet
129Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, Style R Reverse,0.6um (24u") Selective Gold (Au), 32 Circuits
0850131108 MOLEX9-0850131108 Datasheet
141Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, Vertical, Style R Reverse, 0.6um (24u") Selective Gold (Au)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com