Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF3513-J9CATXX Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # MF3513-J9CATXX
Description  8/16-bit Data Bus Static RAM Card
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF3513-J9CATXX Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button MF3513-J9CATXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF3513-J9CATXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF3513-J9CATXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF3513-J9CATXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF3513-J9CATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF3513-J9CATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF3513-J9CATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF3513-J9CATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF3513-J9CATXX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
6/14
Apr. 1999 Rev. 1.1
13. ELECTRICAL CHARACTERISTICS (Ta=0~55°C, Vcc=5V±5%, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
VOH
High output voltage
IOH= -1.0mA
2.4
V
VOL
Low output voltage
IOL=2mA
0.4
V
IIH
High input current
VI=Vcc V
10
µA
IIL
Low input current
VI=0V
CE1#, CE2#, WE#, OE#, REG#
-10
-70
µA
Other inputs
-10
IOZH
High output current
CE1#=CE2#=VIH or OE#=VIH WE#=VIH,
10
µA
in off state
VO=Vcc
IOZL
Low output current
CE1#=CE2#=VIH or OE#=VIH WE#=VIH,
-10
µA
in off state
VO=0V
Icc 1 • 1
Active supply
CE1#=CE2#=VIL, other inputs
64KB~512KB
170
mA
current 1
=VIH or VIL,Outputs=open
1MB~4MB
230
Icc 1 • 2
Active supply
current 2
CE1#=CE2#
≤ 0.2V, other
inputs
≤ 0.2V or
64KB~512KB
160
mA
≥ Vcc-0.2V, Outputs=open
1MB~4MB
220
Icc 2 • 1
Standby supply
CE1#=CE2#=VIH
64KB~4MB
10
mA
current 1
other inputs=VIH or VIL
(17)
Icc 2 • 2
Standby supply
current 2
CE1#=CE2#
≥ Vcc-0.2V
other inputs
≤ 0.2V or
64KB~512KB
0.45
(7.45)
mA
≥ Vcc-0.2V
1MB~4MB
0.65
(7.65)
VBDET1
Battery detect
Vcc=5V, Ta=25°C
2.27
2.37
2.47
V
reference voltage
VBDET2
Battery detect
Vcc=5V, Ta=25°C
2.55
2.65
2.75
V
reference voltage
Note 2 : Currents flowing into the card are taken as positive (unsigned).
3 : Typical values are measured at Vcc=5V, Ta=25°C.
4 : The figure in the parentheses indicates the standby current limits when the built-in auxiliary battery is
not fully charged.
14. CAPACITANCE
Limits
Min.
Typ.
Max.
CI
Input capacitance
VI=GND, vi=25mVrms
f=1MHZ, Ta=25°C
30
pF
CO
Output Capacitance
Vo
=GND, vo=25mVrms
f
=1MHz, Ta=25°C
20
pF
Note 4 : These parameters are not 100% tested.
Symbol
Unit
Parameter
Test conditions


Similar Part No. - MF3513-J9CATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF3513-J8CATXX MITSUBISHI-MF3513-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
More results

Similar Description - MF3513-J9CATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF365A-LCDATXX MITSUBISHI-MF365A-LCDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF38M1-LCDAGXX MITSUBISHI-MF38M1-LCDAGXX Datasheet
258Kb / 9P
   8/16-bit Data Bus Static RAM Card
MF38M1-L6DAGXX MITSUBISHI-MF38M1-L6DAGXX Datasheet
316Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com