Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC15UD-L Datasheet(PDF) 11 Page - International Rectifier

Part # IRG4BC15UD-L
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIOD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC15UD-L Datasheet(HTML) 11 Page - International Rectifier

Back Button IRG4BC15UD-L Datasheet HTML 4Page - International Rectifier IRG4BC15UD-L Datasheet HTML 5Page - International Rectifier IRG4BC15UD-L Datasheet HTML 6Page - International Rectifier IRG4BC15UD-L Datasheet HTML 7Page - International Rectifier IRG4BC15UD-L Datasheet HTML 8Page - International Rectifier IRG4BC15UD-L Datasheet HTML 9Page - International Rectifier IRG4BC15UD-L Datasheet HTML 10Page - International Rectifier IRG4BC15UD-L Datasheet HTML 11Page - International Rectifier IRG4BC15UD-L Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRG4BC15UD-S/LPbF
TO-262 Part Marking Information
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
ASSEMBLY
LOT CODE
RECT IF IER
INT ERNAT IONAL
AS S EMBLE D ON WW 19, 1997
Note: "P" in as s embly line
pos ition indicates "Lead-Free"
IN T HE AS S E MBLY LINE "C"
LOGO
T HIS IS AN IRL3103L
LOT CODE 1789
EXAMPLE:
LINE C
DAT E CODE
WEEK 19
YEAR 7 = 1997
PART NU MBER
PART NUMBER
LOGO
LOT CODE
ASSEMBLY
INT E RNAT IONAL
RECT IF IER
PRODU CT (OPT IONAL)
P = DE S IGNAT ES LEAD-FREE
A = ASSE MBLY SIT E CODE
WEEK 19
YEAR 7 = 1997
DAT E CODE
OR


Similar Part No. - IRG4BC15UD-L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC15UD-L IRF-IRG4BC15UD-L Datasheet
210Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
More results

Similar Description - IRG4BC15UD-L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20SD-SPBF IRF-IRG4BC20SD-SPBF Datasheet
512Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIOD
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com