Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3SD21NTZB Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC3SD21NTZB
Description  Phototriac Coupler for Triggering
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SD21NTZB Datasheet(HTML) 3 Page - Sharp Corporation

  PC3SD21NTZB Datasheet HTML 1Page - Sharp Corporation PC3SD21NTZB Datasheet HTML 2Page - Sharp Corporation PC3SD21NTZB Datasheet HTML 3Page - Sharp Corporation PC3SD21NTZB Datasheet HTML 4Page - Sharp Corporation PC3SD21NTZB Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PC3SD21NTZB Series
0
1
2
3
4
5
6
7
8
9
10
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
VD=4V
0
1
2
3
4
5
6
7
8
9
10
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
VD=4V
Fig.5
Minimum Trigger Current vs. Ambient
Temperature (PC3SD21NTZB)
Fig.7
ON-state Voltage vs. Ambient
Temperature
Fig.6
Minimum Trigger Current vs. Ambient
Temperature (PC3SD21NTZC, PC3SD21NTZD)
Fig.8 Holding Current vs. Ambient
Temperature
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
IT=100mA
0.01
0.1
1
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
VD=4V
1
2
5
10
200
01
0.5
1.5
2
2.5
3
20
50
100
Forward voltage VF (V)
Ta=100˚C
25˚C
75˚C
50˚C
0˚C
−30˚C
1
2
5
10
0.9
1.1
1
1.2
1.3
1.4
1.5
20
50
100
Forward voltage VF (V)
Ta=75˚C
50˚C
25˚C
0˚C
−25˚C
Fig.3
Forward Current vs. Forward Voltage
(PC3SD21NTZB)
Fig.4
Forward Current vs. Forward Voltage
(PC3SD21NTZC, PC3SD21NTZD)


Similar Part No. - PC3SD21NTZB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SD21NTZB SHARP-PC3SD21NTZB Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZBF SHARP-PC3SD21NTZBF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
More results

Similar Description - PC3SD21NTZB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3ST11NSZAF SHARP-PC3ST11NSZAF Datasheet
305Kb / 15P
   Phototriac Coupler for triggering
PC1S3021NTZF SHARP-PC1S3021NTZF Datasheet
173Kb / 14P
   Phototriac Coupler for triggering
PC3SF21YVZBF SHARP-PC3SF21YVZBF Datasheet
297Kb / 15P
   Phototriac Coupler for triggering
PC3ST21NSZBF SHARP-PC3ST21NSZBF Datasheet
308Kb / 15P
   DIP 4pin Phototriac Coupler for triggering
PC3F11YVZA SHARP-PC3F11YVZA Datasheet
70Kb / 4P
   Reinforced Insulation Type Phototriac Coupler for Triggering
PC3SD21NXZCF SHARP-PC3SD21NXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPDF SHARP-PC3SD21YXPDF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPLF SHARP-PC3SD21YXPLF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF21YVZAF SHARP-PC3SF21YVZAF Datasheet
297Kb / 15P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZCF SHARP-PC3SD21NTZCF Datasheet
979Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com