Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFS33 Datasheet(PDF) 4 Page - Hongfa Technology

Part # HFS33
Description  SOLID STATE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS33 Datasheet(HTML) 4 Page - Hongfa Technology

  HFS33 Datasheet HTML 1Page - Hongfa Technology HFS33 Datasheet HTML 2Page - Hongfa Technology HFS33 Datasheet HTML 3Page - Hongfa Technology HFS33 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
v<F6?4<@8E
.;<F 74G4F;88G <F 9BE G;8 6HFGB@8EFP E898E8A68fs?? G;8 FC86<9<64G<BAF 4E8 FH5=86G GB 6;4A:8 J<G;BHG ABG<68f
18 6BH?7 ABG 8I4?H4G8 4?? G;8 C8E9BE@4A68 4A7 4?? G;8 C4E4@8G8EF 9BE 8I8EL CBFF<5?8 4CC?<64G<BAf .;HF G;8 HF8E F;BH?7 58 <A 4 E<:;G CBF<G<BA GB 6;BBF8
G;8 FH<G45?8 CEB7H6G 9BE G;8<E BJA 4CC?<64G<BAf{9G;8E8<F4AL DH8ELd C?84F8 6BAG46G zBA:94 9BE G;8 G86;A<64? F8EI<68fzBJ8I8Ed <G <F G;8 HF8EPF E8FCBAF<5<?<GL
GB 78G8E@<A8 J;<6; CEB7H6G F;BH?7 58 HF87 BA?Lf
N jhhn 2<4@8A zBA:94 w?86GEB46BHFG<6 uBfd |G7f s?? E<:;GF B9 zBA:94 4E8 E8F8EI87f
8=7E78G:E>FG>8 97G7
s@5<8AG .8@C8E4GHE8 a b
}4Kf -HE:8 uHEE8AG IFfvHE4G<BA .<@8
}4Kf -HE:8 uHEE8AG IFfvHE4G<BA .<@8
}4Kf -HE:8 uHEE8AG IFfvHE4G<BA .<@8
lk
h
ejh
ekh
h
jh
h
ihh
lh
nh
ph
jm
mh
}4Kf|B47 uHEE8AG IFfs@5<8AG .8@Cfaveimhvmh}b
ip
o
im
iph
h
ph
jlh
kjh
ih
jph
jhh
ilh
ijh
ihh
jh
lh
i
ihhh
ihh
v e jhhvlh}
ihhhh
v e ihhvlh}
v e imhvmh}
iph
ph
jlh
kjh
jph
jhh
ilh
ijh
ihh
jh
lh
ih
i
ihhh
ihh
ihhhh
v e mhvph}
v e khvihh}
v ekhvmh}
v emhvlh}
v eihhvjh}
ih
i
ihhh
ihh
ihhhh
ih
kh
lh
km
jm
jh
im
h
m
v ejhhvih}
v elhhvih}
1<G; 4?H@<AH@ ;84G F<A>
@84FHE<A:
zxqjteijh
1<G;BHG z84G -<A>
-HE:8 7HE4G<BA a@Fb
-HE:8 7HE4G<BA a@Fb
-HE:8 7HE4G<BA a@Fb


Similar Part No. - HFS33

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFS32D HONGFA-HFS32D Datasheet
58Kb / 3P
   SOLID STATERELAY
HFS32D/05D-48D0R1T-NXXX HONGFA-HFS32D/05D-48D0R1T-NXXX Datasheet
58Kb / 3P
   SOLID STATERELAY
HFS32D/12D-48D0R1T-NXXX HONGFA-HFS32D/12D-48D0R1T-NXXX Datasheet
58Kb / 3P
   SOLID STATERELAY
HFS32D/24D-48D0R1T-NXXX HONGFA-HFS32D/24D-48D0R1T-NXXX Datasheet
58Kb / 3P
   SOLID STATERELAY
HFS32D/60D-48D0R1T-NXXX HONGFA-HFS32D/60D-48D0R1T-NXXX Datasheet
58Kb / 3P
   SOLID STATERELAY
More results

Similar Description - HFS33

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com