Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6397 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6397
Description  Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6397 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6397 Datasheet HTML 1Page - Maxim Integrated Products MAX6397 Datasheet HTML 2Page - Maxim Integrated Products MAX6397 Datasheet HTML 3Page - Maxim Integrated Products MAX6397 Datasheet HTML 4Page - Maxim Integrated Products MAX6397 Datasheet HTML 5Page - Maxim Integrated Products MAX6397 Datasheet HTML 6Page - Maxim Integrated Products MAX6397 Datasheet HTML 7Page - Maxim Integrated Products MAX6397 Datasheet HTML 8Page - Maxim Integrated Products MAX6397 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Overvoltage Protection Switch/Limiter
Controllers Operate Up to 72V
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 14V; CGATE = 6000pF, CREG = 4.7µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional oper-
ation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
(All pins referenced to GND, unless otherwise noted.)
IN, GATE, OUT ............................................................-0.3V to +80V
SHDN..................................................................-0.3V to (IN + 0.3V)
GATE to OUT .................................................................-0.3 to +20V
SET, REG, POK ...........................................................-0.3V to +12V
Maximum Current:
IN, REG...............................................................................350mA
All Remaining Pins ...................................................................50mA
Continuous Power Dissipation (TA = +70°C)
6-Pin TDFN (derate 18.2mW/°C above +70°C) .............1455mW
8-Pin TDFN (derate 18.2mW/°C above +70°C) .............1455mW
Operating Temperature Range (TA) ......................-40°C to +125°C
Junction Temperature ...........................................................+150°C
Storage Temperature Range .................................-65°C to +150°C
Lead Temperature ................................................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN
5.5
72
V
SHDN = high, no load (MAX6397)
118
140
SHDN = high, (MAX6398)
104
130
SHDN = low, no load (MAX6397)
37
45
Input Supply Current
SHDN = low, (MAX6398)
11
20
µA
IN Undervoltage Lockout
VIN rising, enables GATE
4.66
5
5.50
V
IN Undervoltage Lockout
Hysteresis
VIN falling, disables GATE
175
mV
SET Threshold Voltage
VTH
With respect to GND
1.181
1.215
1.248
V
SET Threshold Hysteresis
VHYST
4%
SET Input Current
ISET
-50
+50
nA
Startup Response Time
tSTART
SHDN rising (Note 2)
100
µs
GATE Rise Time
GATE rising from GND to VOUT + 8V,
CGATE = 6000pF, OUT = GND
1ms
SET to GATE Propagation Delay
tOV
SET rising from VTH - 100mV to VTH +
100mV
0.75
µs
VOUT = VIN = 6V, RGATE to IN = 1M
VIN +
3.8V
VIN +
4.2V
VIN +
4.6V
GATE Output High Voltage
VOH
VOUT = VIN; VIN
≥ 14V, RGATE to IN = 1MΩ
VIN +
8.5V
VIN +
9.2V
VIN +
11.5V
V
GATE Output Low Voltage
VOL
GATE sinking 20mA, VOUT = GND
0.38
V
GATE Charge-Pump Current
IGATE
GATE = GND
75
µA
GATE to OUT Clamp Voltage
VCLMP
13
18
V
SHDN Logic-High Input Voltage
VIH
1.4
SHDN Logic-Low Input Voltage
VIL
0.4
SHDN Input Pulldown Current
VSHDN = 2V, SHDN is internally pulled
down to GND
1µA
Thermal Shutdown
(Note 3)
+150
°C
Thermal Shutdown Hysteresis
20
°C
REGULATOR (MAX6397)
IREG = 1mA
40
48
Ground Current
IGND
SHDN = GND
IREG = 100mA
60
µA


Similar Part No. - MAX6397

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6397 MAXIM-MAX6397 Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
MAX6397 MAXIM-MAX6397 Datasheet
444Kb / 8P
   5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
MAX6397EVKIT MAXIM-MAX6397EVKIT Datasheet
444Kb / 8P
   5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
MAX6397 MAXIM-MAX6397_09 Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
MAX6397_ATA-T MAXIM-MAX6397_ATA-T Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
More results

Similar Description - MAX6397

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6397 MAXIM-MAX6397_09 Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
MAX6397 MAXIM-MAX6397_V01 Datasheet
1Mb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
2014
MAX6495 MAXIM-MAX6495_11 Datasheet
231Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 8; 1/11
MAX6495 MAXIM-MAX6495_12 Datasheet
216Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 9; 2/12
MAX6495 MAXIM-MAX6495 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6495 MAXIM-MAX6495_09 Datasheet
215Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 7; 8/09
MAX6495_1206 MAXIM-MAX6495_1206 Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX16914 MAXIM-MAX16914 Datasheet
1Mb / 9P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
0; 9/09
MAX16914 MAXIM-MAX16914_V01 Datasheet
747Kb / 10P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
2015
logo
Linear Technology
LT4356-1 LINER-LT4356-1 Datasheet
220Kb / 20P
   Overvoltage Protection Regulator and Inrush Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com