Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6397ZATA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6397ZATA
Description  Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6397ZATA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6397ZATA Datasheet HTML 5Page - Maxim Integrated Products MAX6397ZATA Datasheet HTML 6Page - Maxim Integrated Products MAX6397ZATA Datasheet HTML 7Page - Maxim Integrated Products MAX6397ZATA Datasheet HTML 8Page - Maxim Integrated Products MAX6397ZATA Datasheet HTML 9Page - Maxim Integrated Products MAX6397ZATA Datasheet HTML 10Page - Maxim Integrated Products MAX6397ZATA Datasheet HTML 11Page - Maxim Integrated Products MAX6397ZATA Datasheet HTML 12Page - Maxim Integrated Products MAX6397ZATA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
GATE cycles on-off-on-off-on in a sawtooth waveform
until OUT remains below the overvoltage fault threshold
and GATE remains constantly on (VIN + 10V). The over-
voltage limiter’s sawtooth GATE output operates the
MOSFET in a switched-linear mode while the input volt-
age remains above the overvoltage fault threshold. The
sawtooth frequency depends on the load capacitance,
load current, and MOSFET turn-on time (GATE charge
current and GATE capacitance).
GATE goes high when the following startup conditions
are met: VIN is above the UVLO threshold, SHDN is
high, an overvoltage fault is not present and the device
is not in thermal shutdown.
Overvoltage Monitoring
When operating in overvoltage mode, the MAX6397/
MAX6398 feedback path (Figure 3) consists of IN,
SET’s internal comparator, the internal gate charge
pump, and the external n-channel MOSFET resulting in
a switch-on/off function. When the programmed over-
voltage threshold is tripped, the internal fast compara-
tor turns off the external MOSFET, pulling GATE to OUT
within tOV and disconnecting the power source from
the load. When IN decreases below the adjusted over-
voltage threshold, the MAX6397/MAX6398 slowly
enhance GATE above OUT, reconnecting the load to
the power source.
Overvoltage Limiter
When operating in overvoltage limiter mode, the
MAX6397/MAX6398 feedback path (Figure 4) consists
of OUT, SET’s internal comparator, the internal gate
charge pump and the external n-channel MOSFET,
which results in the external MOSFET operating as a
voltage regulator.
During normal operation, GATE is enhanced 10V above
OUT. The external MOSFET source voltage is monitored
through a resistor-divider between OUT and SET. When
OUT rises above the adjusted overvoltage threshold, an
internal comparator sinks the charge-pump current, dis-
charging the external GATE, regulating OUT at the set
overvoltage threshold. OUT remains active during the
overvoltage transients and the MOSFET continues to con-
duct during the overvoltage event, operating in switched-
linear mode.
Overvoltage Protection Switch/Limiter
Controllers Operate Up to 72V
_______________________________________________________________________________________
9
VGATE
10V/div
VOUT
10V/div
VIN
10V/div
10ms/div
Figure 2a. MAX6397/MAX6398 GATE Waveform During Over-
voltage Switch Mode
VGATE
10V/div
VOUT
10V/div
VIN
10V/div
4ms/div
Figure 2b. MAX6397/MAX6398 GATE Waveform During Over-
voltage Limit Mode
MAX6397
MAX6398
IN
SET
GATE
OUT
GND
VBATT
R1
R2
Figure 3. Overvoltage Switch Protection Configuration


Similar Part No. - MAX6397ZATA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6397 MAXIM-MAX6397 Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
MAX6397 MAXIM-MAX6397 Datasheet
444Kb / 8P
   5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
MAX6397EVKIT MAXIM-MAX6397EVKIT Datasheet
444Kb / 8P
   5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
MAX6397 MAXIM-MAX6397_09 Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
MAX6397_ATA-T MAXIM-MAX6397_ATA-T Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
More results

Similar Description - MAX6397ZATA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6397 MAXIM-MAX6397_09 Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
MAX6397 MAXIM-MAX6397_V01 Datasheet
1Mb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
2014
MAX6495 MAXIM-MAX6495_11 Datasheet
231Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 8; 1/11
MAX6495 MAXIM-MAX6495_12 Datasheet
216Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 9; 2/12
MAX6495 MAXIM-MAX6495 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6495 MAXIM-MAX6495_09 Datasheet
215Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 7; 8/09
MAX6495_1206 MAXIM-MAX6495_1206 Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX16914 MAXIM-MAX16914 Datasheet
1Mb / 9P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
0; 9/09
MAX16914 MAXIM-MAX16914_V01 Datasheet
747Kb / 10P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
2015
logo
Linear Technology
LT4356-1 LINER-LT4356-1 Datasheet
220Kb / 20P
   Overvoltage Protection Regulator and Inrush Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com