Selected language     English  ▼


IRL520NS Datasheet(PDF) 3 Page - International Rectifier

Part No. IRL520NS
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

 
 3 page
background image
IRL520NS/L
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
0.1
1
10
100
0.1
1
1 0
1 0 0
V
, D rain-to-S o urce V oltage (V )
DS
A
20µ s P U LS E W ID T H
T
= 2 5°C
J
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTTOM 2.5V
2.5V
0.1
1
10
100
0.1
1
1 0
1 0 0
V
, D rain-to-S ource V oltage (V )
DS
A
20µ s P U LS E W ID T H
T
= 175°C
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTTOM 2.5V
2.5 V
J
0.1
1
10
100
2468
1 0
T = 2 5°C
J
GS
V
, G ate-to -S ou rce V oltage (V )
T = 175°C
J
A
V
= 5 0V
20µs PU LSE W ID TH
DS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100 120 140 160 180
J
T
, Junction T em perature (°C )
V
= 10 V
GS
A
I
= 1 0A
D




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRFZ34VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7210PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLZ4SHEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFC240HEXFET Power MOSFET Die in Wafer Form 1 International Rectifier
IRF8010PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3704ZCSPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFB4321PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7835PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFP150VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFR220NPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl