Selected language     English  ▼


IRL520NS Datasheet(PDF) 6 Page - International Rectifier

Part No. IRL520NS
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

 
 6 page
background image
IRL520NS/L
Fig 12a. Unclamped Inductive Test Circuit
Fig 12b. Unclamped Inductive Waveforms
Fig 13a. Basic Gate Charge Waveform
VDS
L
D.U.T.
VDD
IAS
tp
0.01
RG
+
-
tp
VDS
IAS
VDD
V(BR)DSS
10 V
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13b. Gate Charge Test Circuit
QG
QGS
QGD
VG
Charge
10 V
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
0
40
80
120
160
200
25
50
75
100
125
150
175
J
A
Sta rtin g T , J u nc tion T em perature (°C )
I
T O P
2.4 A
4.2A
BO T TO M
6.0A
D




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRFZ34VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7210PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLZ4SHEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFC240HEXFET Power MOSFET Die in Wafer Form 1 International Rectifier
IRF8010PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3704ZCSPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFB4321PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7835PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFP150VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFR220NPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl