Selected language     English  ▼


IRL520NS Datasheet(PDF) 1 Page - International Rectifier

Part No. IRL520NS
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

 
 1 page
background image
IRL520NS/L
HEXFET® Power MOSFET
PD - 91534
l Advanced Process Technology
l Surface Mount (IRL520NS)
l Low-profile through-hole (IRL520NL)
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.1
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V…
10
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V…
7.1
A
IDM
Pulsed Drain Current
…
35
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
48
W
Linear Derating Factor
0.32
W/°C
VGS
Gate-to-Source Voltage
±16
V
EAS
Single Pulse Avalanche Energy
‚…
85
mJ
IAR
Avalanche Current

6.0
A
EAR
Repetitive Avalanche Energy

4.8
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRL520NL) is available for low-
profile applications.
Description
VDSS = 100V
RDS(on) = 0.18Ω
ID = 10A
2
D
P ak
TO-26 2
S
D
G
5/13/98
l Logic-Level Gate Drive




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRFZ34VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7210PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLZ4SHEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFC240HEXFET Power MOSFET Die in Wafer Form 1 International Rectifier
IRF8010PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3704ZCSPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFB4321PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7835PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFP150VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFR220NPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl