Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4212 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4212
Description  Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4212 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4212 Datasheet HTML 7Page - Maxim Integrated Products MAX4212 Datasheet HTML 8Page - Maxim Integrated Products MAX4212 Datasheet HTML 9Page - Maxim Integrated Products MAX4212 Datasheet HTML 10Page - Maxim Integrated Products MAX4212 Datasheet HTML 11Page - Maxim Integrated Products MAX4212 Datasheet HTML 12Page - Maxim Integrated Products MAX4212 Datasheet HTML 13Page - Maxim Integrated Products MAX4212 Datasheet HTML 14Page - Maxim Integrated Products MAX4212 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Maxim recommends using microstrip and stripline tech-
niques to obtain full bandwidth. To ensure that the PC
board does not degrade the amplifier’s performance,
design it for a frequency greater than 1GHz. Pay care-
ful attention to inputs and outputs to avoid large para-
sitic capacitance. Whether or not you use a constant-
impedance board, observe the following guidelines
when designing the board:
• Don’t use wire-wrap boards because they are too
inductive.
• Don’t use IC sockets because they increase parasitic
capacitance and inductance.
• Use surface-mount instead of through-hole compo-
nents for better high-frequency performance.
• Use a PC board with at least two layers; it should be
as free from voids as possible.
• Keep signal lines as short and as straight as possi-
ble. Do not make 90° turns; round all corners.
Rail-to-Rail Outputs,
Ground-Sensing Input
The input common-mode range extends from
(VEE - 200mV) to (VCC - 2.25V) with excellent common-
mode rejection. Beyond this range, the amplifier output
is a nonlinear function of the input, but does not under-
go phase reversal or latchup.
The output swings to within 50mV of either power-
supply rail with a 10k
Ω load. The input ground-sensing
and the rail-to-rail output substantially increase the
dynamic range. With a symmetric input in a single 5V
application, the input can swing 2.95VP-P, and the out-
put can swing 4.9VP-P with minimal distortion.
Enable Input and Disabled Output
The enable feature (EN_) allows the amplifier to be
placed in a low-power, high-output-impedance state.
Typically, the EN_ logic low input current (IIL) is small.
However, as the EN voltage (VIL) approaches the nega-
tive supply rail, IIL increases (Figure 2). A single resis-
tor connected as shown in Figure 3 prevents the rise in
the logic-low input current. This resistor provides a
feedback mechanism that increases VIL as the logic
input is brought to VEE. Figure 4 shows the resulting
input current (IIL).
When the MAX4213/MAX4218 are disabled, the amplifi-
er’s output impedance is 35k
Ω. This high resistance
and the low 2pF output capacitance make these parts
ideal in RF/video multiplexer or switch applications. For
larger arrays, pay careful attention to capacitive load-
ing. See the Output Capacitive Loading and Stability
section for more information.
Miniature, 300MHz, Single-Supply,
Rail-to-Rail Op Amps with Enable
______________________________________________________________________________________
11
Table 1. Recommended Component Values
Note: RL = RO + RTO; RTIN and RTO are calculated for 50
Ω applications. For 75Ω systems, RTO = 75Ω; calculate RTIN from the
following equation:
R
=
75
1-
75
R
TIN
G
-25
+25
-10
+10
-5
+5
-2
+2
-1
+1
49.9
10
0
50
1200
GAIN (V/V)
49.9
6
49.9
20
500
49.9
25
0
50
500
49.9
11
49.9
56
500
49.9
33
100
0
100
500
49.9
25
49.9
124
500
49.9
60
62
0
250
500
49.9
105
49.9
500
500
49.9
49.9
RTO (
Ω)
90
300
Small-Signal -3dB Bandwidth (MHz)
56
49.9
RTIN (
Ω)
0
RS (
Ω)
COMPONENT
500
RG (
Ω)
500
24
RF (
Ω)


Similar Part No. - MAX4212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
620Kb / 32P
   High-Side Power and Current Monitors
Rev 0; 6/04
MAX4210 MAXIM-MAX4210 Datasheet
676Kb / 32P
   High-Side Power and Current Monitors
Rev 1; 5/05
MAX4210-MAX4211 MAXIM-MAX4210-MAX4211 Datasheet
620Kb / 32P
   High-Side Power and Current Monitors
Rev 0; 6/04
MAX4210A MAXIM-MAX4210A Datasheet
309Kb / 4P
   MAX4210E Evaluation Kit
Rev 0; 7/04
MAX4210AETT MAXIM-MAX4210AETT Datasheet
620Kb / 32P
   High-Side Power and Current Monitors
Rev 0; 6/04
More results

Similar Description - MAX4212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4265 MAXIM-MAX4265 Datasheet
361Kb / 16P
   Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
19-1552; Rev 0; 10/99
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com